Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0073 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAMSS0073
Description  RF Driver Amplifier 250 - 4000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0073 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAMSS0073 Datasheet HTML 1Page - Tyco Electronics MAAMSS0073 Datasheet HTML 2Page - Tyco Electronics MAAMSS0073 Datasheet HTML 3Page - Tyco Electronics MAAMSS0073 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RF Driver Amplifier
250 - 4000 MHz
MAAMSS0073
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
2
RoHS
Compliant
Electrical Specifications: VCC = +5 V, TA = 25°C, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
3500 MHz
dB
21
23
—
Input Return Loss
3500 MHz
dB
—
10
—
Output Return Loss
3500 MHz
dB
—
7
—
Output P1dB
3500 MHz
dBm
—
29
—
Output IP3
(+23 dBm / tone, 1 MHz spacing)
3500 MHz
dBm
38
43
—
EVM
+21 dBm channel power 54 Mbps OFDM
(includes 1% system level)
% rms
—
1.5
—
Noise Figure
3500 MHz
dB
—
3.8
—
Quiescent Current
+5 V
mA
—
490
—
Current
(+23 dBm / tone, 1 MHz spacing)
3500 MHz
mA
—
590
750
Application Schematic 3300 - 3800 MHz
Sample Board
MAAMSS0073 External Parts List
RFIN
RFOUT
Maximum Operating Conditions
5
Parameter
Maximum Operating
Conditions
Junction Temperature 6
160°C
RF Output Power
+32 dBm
Operating Temperature
-40°C to +85°C
5. Operating at or within these conditions will ensure MTTF > 1 x
106 hours.
6. Typical thermal resistance (Өjc) = 35°C/W.
Component
Value
Case Size
Manufacturer
C7
1000 pF
0402
Murata
C1
1.5 pF
0402
Murata
C2
2.2 pF
0402
Murata
C3,C8,C9
1.0 pF
0402
Murata
C4,C5,C6
0.1 µF
0402
Murata
C10
3.3 µF
0402
Murata
L1
3.6 nH
0402
Coilcraft
R1, R2
0 Ω
0402
-
TL1
50 Ω, 34.3° @ 3500 MHz
TL2
50 Ω, 21° @ 3500 MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com