Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLA/6GD Datasheet(PDF) 1 Page - Kingbright Corporation

Part # DLA/6GD
Description  20mm BIG LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

DLA/6GD Datasheet(HTML) 1 Page - Kingbright Corporation

  DLA/6GD Datasheet HTML 1Page - Kingbright Corporation DLA/6GD Datasheet HTML 2Page - Kingbright Corporation DLA/6GD Datasheet HTML 3Page - Kingbright Corporation DLA/6GD Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAA8160
REV NO: V.9
DATE: MAY/22/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.H.CHEN
ERP: 1338000003
20mm BIG LAMP
Part Number: DLA/6GD
Green
Features
12 PINS.
HIGH LUMINOUS INTENSITY.
LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
CATEGORIZED FOR LUMINOUS INTENSITY.
EXCELLENT ON/OFF CONTRAST.
EASY MOUNTING ON P.C. BOARD OR SOCKETS.
SOLID STATE RELIABILITY.
RoHS COMPLIANT.
Description
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.


Similar Part No. - DLA/6GD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DLA/6ID KINGBRIGHT-DLA/6ID Datasheet
178Kb / 4P
20mm BIG LAMP
DLA/6SGD KINGBRIGHT-DLA/6SGD Datasheet
176Kb / 4P
20mm BIG LAMP
DLA/6SRD KINGBRIGHT-DLA/6SRD Datasheet
175Kb / 4P
20mm BIG LAMP
DLA/6YD KINGBRIGHT-DLA/6YD Datasheet
177Kb / 4P
20mm BIG LAMP
More results

Similar Description - DLA/6GD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DLA-6ID KINGBRIGHT-DLA-6ID Datasheet
178Kb / 4P
20mm BIG LAMP
DLA-6SRD KINGBRIGHT-DLA-6SRD Datasheet
175Kb / 4P
20mm BIG LAMP
DLA-6YD KINGBRIGHT-DLA-6YD Datasheet
177Kb / 4P
20mm BIG LAMP
DLC-6ID KINGBRIGHT-DLC-6ID Datasheet
178Kb / 4P
20mm BIG LAMP
DLC-6SRD KINGBRIGHT-DLC-6SRD Datasheet
175Kb / 4P
20mm BIG LAMP
logo
SunLED Corporation
FMG20D6A SUNLED-FMG20D6A Datasheet
193Kb / 4P
20mm BIG LAMP
FMR20D6A SUNLED-FMR20D6A Datasheet
188Kb / 4P
20mm BIG LAMP
FMR20D6C SUNLED-FMR20D6C Datasheet
188Kb / 4P
20mm BIG LAMP
FUR20D6A SUNLED-FUR20D6A Datasheet
188Kb / 4P
20mm BIG LAMP
FUY20D6C SUNLED-FUY20D6C Datasheet
190Kb / 4P
20mm BIG LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com