Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHT1N52S Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PHT1N52S
Description  PowerMOS transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHT1N52S Datasheet(HTML) 2 Page - NXP Semiconductors

  PHT1N52S Datasheet HTML 1Page - NXP Semiconductors PHT1N52S Datasheet HTML 2Page - NXP Semiconductors PHT1N52S Datasheet HTML 3Page - NXP Semiconductors PHT1N52S Datasheet HTML 4Page - NXP Semiconductors PHT1N52S Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Philips Semiconductors
Objective specification
PowerMOS transistor
PHT1N52S
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-sp
Thermal resistance junction to
-
-
15
K/W
solder point
R
th j-a
Thermal resistance junction to
pcb mounted; minimum footprint
-
156
-
K/W
ambient
pcb mounted; pad area as in fig:2
-
70
-
K/W
STATIC CHARACTERISTICS
T
mb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
(BR)DSS
Drain-source breakdown volt-
V
GS = 0 V; ID = 0.25 mA
520
-
-
V
age
V
GS(TO)
Gate threshold voltage
V
DS = VGS; ID = 0.25 mA
2.0
3.0
4.0
V
I
DSS
Drain-source leakage current
V
DS = 500 V; VGS = 0 V; Tj = 25 ˚C
-
1
100
µA
V
DS = 400 V; VGS = 0 V; Tj = 125 ˚C
-
0.1
1.0
mA
I
GSS
Gate-source leakage current
V
GS = ±35 V; VDS = 0 V
-
4
100
nA
R
DS(ON)
Drain-source on-state resis-
V
GS = 10 V; ID = 1 A
-
7.9
10
Ω
tance
V
SD
Source-drain diode forward
I
F = 2 A ;VGS = 0 V
-
0.85
1.2
V
voltage
DYNAMIC CHARACTERISTICS
T
mb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
g
fs
Forward transconductance
V
DS = 15 V; ID = 1 A
0.5
0.8
-
S
C
iss
Input capacitance
V
GS = 0 V; VDS = 25 V; f = 1 MHz
-
75
100
pF
C
oss
Output capacitance
-
10
15
pF
C
rss
Feedback capacitance
-
5
10
pF
Q
g(tot)
Total gate charge
V
GS = 10 V; ID = 2 A; VDS = 400 V
-
5
-
nC
Q
gs
Gate to source charge
-
.5
-
nC
Q
gd
Gate to drain (Miller) charge
-
3
-
nC
t
d on
Turn-on delay time
V
DD = 30 V; ID = 2 A;
-
5
10
ns
t
r
Turn-on rise time
V
GS = 10 V; RGS = 50 Ω;
-
15
20
ns
t
d off
Turn-off delay time
R
GEN = 50 Ω
-
1520ns
t
f
Turn-off fall time
-
7
15
ns
t
rr
Source-drain diode Reverse
I
F = 2 A; -dIF/dt = 100 A/µs;
-
150
-
ns
recovery time
Q
rr
Source-drain diode Reverse
V
GS = 0 V; VR = 100 V
-
1.5
-
µC
recovery charge
February 1998
2
Rev 1.000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com