Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR4045CTPBF Datasheet(PDF) 2 Page - International Rectifier

Part # MBR4045CTPBF
Description  SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBR4045CTPBF Datasheet(HTML) 2 Page - International Rectifier

  MBR4045CTPBF Datasheet HTML 1Page - International Rectifier MBR4045CTPBF Datasheet HTML 2Page - International Rectifier MBR4045CTPBF Datasheet HTML 3Page - International Rectifier MBR4045CTPBF Datasheet HTML 4Page - International Rectifier MBR4045CTPBF Datasheet HTML 5Page - International Rectifier MBR4045CTPBF Datasheet HTML 6Page - International Rectifier MBR4045CTPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MBR4045CTPbF
Bulletin PD-20872 rev. A 02/07
www.irf.com
2
MBR4045CTPbF
T
J
Max. Junction Temperature Range
-65 to 150
°C
Tstg
Max. Storage Temperature Range
-65 to 175
°C
R
thJC Max. Thermal Resistance
1.5
°C/W DC operation
Junction to Case
(Per Leg)
R
thCS Typical Thermal Resistance
0.50
°C/W Mounting surface, smooth and greased
Case to Heatsink
Only for TO-220
R
thJA Max. Thermal Resistance
50
°C/W DC operation
Junction to Ambient
For D2Pak and TO-262
wt
Approximate Weight
2 (0.07)
g (oz.)
T
Mounting Torque
Min.
6 (5)
Non-lubricated threads
Max.
12 (10)
Marking Device
MBR4045CT
Thermal-Mechanical Specifications
Parameters
Values
Units Conditions
Kg-cm
(Ibf-in)
V
FM
Max. Forward Voltage Drop
0.60
V
@ 20A
TJ = 25 °C
0.78
V
@ 40A
(1)
0.58
V
@ 20A
T
J = 125 °C
0.75
V
@ 40A
I
RM
Max. Instantaneus Reverse Current
1
mA
TJ = 25 °C
Rated DC voltage
(1)
50
mA
T
J = 100 °C
95
mA
TJ = 125 °C
CT
Max. Junction Capacitance
900
pF
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25°C
LS
Typical Series Inductance
8.0
nH
Measured from top of terminal to mounting plane
dv/dt Max. Voltage Rate of Change
10000
V/ μs (Rated VR)
Electrical Specifications
Parameters
Values
Units Conditions
(1) Pulse Width < 300μs, Duty Cycle <2%
I
F(AV) Max. Average Forward (Per Leg)
20
A
@ T
C = 118° C, (Rated VR)
Current
(Per Device)
40
I
FRM
Peak Repetitive Forward
40
A
Rated V
R, square wave, 20kHz
Current
(Per Leg)
TC = 118° C
I
FSM
Max.Peak One Cycle Non -Repetitive
900
A
5μs Sine or 3μs Rect. pulse
Surge Current
(Per Leg)
210
10ms Sine or 6ms Rect. pulse
E
AS
Non -Repetitive Avalanche Energy
20
A
T
J = 25°C, IAS = 3Amps, L = 4.40mH
(Per Leg)
I
AR
Repetitive Avalanche Current
3
A
Current decaying linearty to zero in 1 μsec
(Per Leg)
Frequency limited by TJ max. VA = 1.5 x VR typical
Absolute Maximum Ratings
Parameters
Values
Units Conditions
Following any rated load
condition and with rated
VRRM applied
VR
Max. DC Reverse Voltage (V)
VRWM Max. Working Peak Reverse Voltage (V)
45
Voltage Ratings
Parameters



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com