Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR4060WTPBF Datasheet(PDF) 2 Page - International Rectifier

Part # MBR4060WTPBF
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBR4060WTPBF Datasheet(HTML) 2 Page - International Rectifier

  MBR4060WTPBF Datasheet HTML 1Page - International Rectifier MBR4060WTPBF Datasheet HTML 2Page - International Rectifier MBR4060WTPBF Datasheet HTML 3Page - International Rectifier MBR4060WTPBF Datasheet HTML 4Page - International Rectifier MBR4060WTPBF Datasheet HTML 5Page - International Rectifier MBR4060WTPBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBR4060WTPbF
Bulletin PD-20814 rev. A 11/06
2
www.irf.com
T
J
Max. Junction Temperature Range
-55 to 150
°C
Tstg
Max. Storage Temperature Range
-55 to 150
°C
R
thJC Max. Thermal Resistance
2.20
°C/W DC operation
Junction to Case (Per Package)
R
thCS Typical Thermal Resistance
1.10
°C/W Mounting surface, smooth and greased
Case to Heatsink
wt
Approximate Weight
6 (0.21)
g(oz.)
T
Mounting Torque
Min.
6 (5)
Max.
12 (10)
Case Style
TO-247AC (TO-3P) JEDEC
Device Marking
MBR4060WT
Thermal-Mechanical Specifications
Parameters
Values
Units
Conditions
Part number
MBR4060WTPbF
V
R
Max. DC Reverse Voltage (V)
VRWM Max. Working Peak Reverse Voltage (V)
60
Voltage Ratings
Kg-cm
(Ibf-in)
I
F(AV) Max. Average Forward
(PerDevice)
40
A
@ T
C = 108°C, 50% duty cycle, rectangular waveform
Current
(Per Leg)
20
I
FSM
Max.Peak One Cycle Non-Repetitive
1020
5μs Sine or 3μs Rect. pulse
Surge Current ( Per Leg) See fig.7
265
10ms Sine or 6ms Rect. pulse
E
AS
Non-Repetitive Avalanche Energy
13
mJ
T
J = 25 °C, IAS = 1.5 Amps, L = 11.5 mH
(Per Leg)
I
AR
Repetitive Avalanche Current
1.5
A
Current decaying linearly to zero in 1 μsec
(Per Leg)
Frequency limited by T
J max. VA = 1.5 x VR typical
Following any rated
load condition and with
rated VRRM applied
A
Absolute Maximum Ratings
V
FM
Max. Forward Voltage Drop
0.72
V
@ 20A
T
J = 25 °C
(1)
0.62
V
@ 20A
T
J = 125 °C
I
RM
Max. Instantaneus Reverse Current
1.0
mA
TJ = 25°C
Rated DC voltage
100
mA
T
J = 125°C
CT
Max. Junction Capacitance
720
pF
VR = 5VDC (test signal range 100Khz to 1Mhz) 25°C
LS
Typical Series Inductance
7.5
nH
Measured from top of terminal to mounting plane
dv/dt Max. Voltage Rate of Change
10000
V/μs
(Rated VR)
Electrical Specifications
Parameters
Values
Units
Conditions
(1) Pulse Width < 300μs, Duty Cycle <2%
Parameters
Values Units
Conditions



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com