Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHT6N06 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PHT6N06
Description  TrenchMOS transistor Standard level FET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHT6N06 Datasheet(HTML) 3 Page - NXP Semiconductors

  PHT6N06 Datasheet HTML 1Page - NXP Semiconductors PHT6N06 Datasheet HTML 2Page - NXP Semiconductors PHT6N06 Datasheet HTML 3Page - NXP Semiconductors PHT6N06 Datasheet HTML 4Page - NXP Semiconductors PHT6N06 Datasheet HTML 5Page - NXP Semiconductors PHT6N06 Datasheet HTML 6Page - NXP Semiconductors PHT6N06 Datasheet HTML 7Page - NXP Semiconductors PHT6N06 Datasheet HTML 8Page - NXP Semiconductors PHT6N06 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
PHT6N06T
Standard level FET
AVALANCHE LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
W
DSS
Drain-source non-repetitive
I
D = 1.9 A; VDD ≤ 25 V;
-
-
15
mJ
unclamped inductive turn-off
V
GS = 10 V; RGS = 50 Ω; Tsp = 25 ˚C
energy
September 1997
3
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com