Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHT8N06T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PHT8N06T
Description  TrenchMOS transistor Standard level FET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHT8N06T Datasheet(HTML) 4 Page - NXP Semiconductors

  PHT8N06T Datasheet HTML 1Page - NXP Semiconductors PHT8N06T Datasheet HTML 2Page - NXP Semiconductors PHT8N06T Datasheet HTML 3Page - NXP Semiconductors PHT8N06T Datasheet HTML 4Page - NXP Semiconductors PHT8N06T Datasheet HTML 5Page - NXP Semiconductors PHT8N06T Datasheet HTML 6Page - NXP Semiconductors PHT8N06T Datasheet HTML 7Page - NXP Semiconductors PHT8N06T Datasheet HTML 8Page - NXP Semiconductors PHT8N06T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
PHT8N06T
Standard level FET
Fig.1. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25 ˚C = f(Tsp)
Fig.2. Normalised continuous drain current.
ID% = 100
⋅I
D/ID 25 ˚C = f(Tsp); conditions: VGS ≥ 10 V
Fig.3. Safe operating area. T
sp = 25 ˚C
I
D & IDM = f(VDS); IDM single pulse; parameter tp
Fig.4. Transient thermal impedance.
Z
th j-sp = f(t); parameter D = tp/T
Fig.5. Typical output characteristics, T
j = 25 ˚C.
I
D = f(VDS); parameter VGS
Fig.6. Typical on-state resistance, T
j = 25 ˚C.
R
DS(ON) = f(ID); parameter VGS
0
20
40
60
80
100
120
140
Tmb / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
1.0E-06
0.0001
0.01
1
100
0.01
0.1
1
10
100
Zth/ (K/W)
t/s
0.5
0.2
0.1
0.05
0.02
D =
tp
tp
T
T
P
t
D
0
20
40
60
80
100
120
140
Tmb / C
ID%
Normalised Current Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
02
46
8
10
0
10
20
30
40
ID/A
VDS/V
16
12
10
9.5
9.0
8.5
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
1
10
100
0.1
1
10
100
VDS/V
RDS(ON) = VDS/ID
DC
ID/A
tp =
1 us
10us
100 us
1 ms
10ms
100ms
0
5
10
15
20
25
30
60
70
80
90
100
110
120
130
RDS(ON)/mOhm
6
6.5
7
8
9
10
ID/A
December 1997
4
Rev 1.100



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com