Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7805FA Datasheet(PDF) 11 Page - Micro Electronics

Part # ML7805FA
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

ML7805FA Datasheet(HTML) 11 Page - Micro Electronics

Back Button ML7805FA Datasheet HTML 3Page - Micro Electronics ML7805FA Datasheet HTML 4Page - Micro Electronics ML7805FA Datasheet HTML 5Page - Micro Electronics ML7805FA Datasheet HTML 6Page - Micro Electronics ML7805FA Datasheet HTML 7Page - Micro Electronics ML7805FA Datasheet HTML 8Page - Micro Electronics ML7805FA Datasheet HTML 9Page - Micro Electronics ML7805FA Datasheet HTML 10Page - Micro Electronics ML7805FA Datasheet HTML 11Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
( 4 )
Thermal Design
The heat radiation balance model of the TO-220 with the heat sink is shown as follows.
Heat radiation balance
Tj = PLOSS X (θjc +θCH + θHS) + Ta
(℃ )
(4-1)
PLOSS = Vin X IQ + (Vin-Vout) X Iout
(W)
(4-2)
Substituting "Eq.(4-2) into "Eq.(4-1)" obtains
Tj = [Vin X IQ +(Vin-Vout) X Iout] X (θjc +θCH +θHS)+Ta
(℃)
(4-3)
In Eq.(4-3)
Vin, Iout, θCH, θHS, Ta depand on using condition.
Tj, IQ,Vout,θjc depend on IC depend on IC specification.
WhenθCH, IQ and Tj are assumed the following values,
Eq.(4-3) becomes Eq.(4-4).
θCH=0.3 to 0.4 (℃/W)
IQ = 5 to 6mA (max.)
Tj = 125℃ (max.)
Tj(max) = 125 = [5 X Vin + (Vin-Vout) X Iout] X (5+0.3+ θHS) +Ta
(℃)
(4-4)
When fix the Vout, Tj depends on the Vin, Iout, θHS and Ta.
It means;
For more detail, please refer the heat resistance value mentioned in the specification of the heat sink
supplier.
Insert the mica paper (0.1t) and thermal conduction silicon grease between
the IC and heat sink and tighten them with the bolt by 4Kg*cm-min.
Lower Vin and / or Iout are required to linit the temperature rise.
Smaller θHS is required for the effective heat reduce (i.e. using the large heat sink).
In the thermal design, when fix the Vin, Iout and Ta, selectthe heat sink which θHS is smaller that
the result of Eq.(4-4).
Page 11 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com