Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7908A Datasheet(PDF) 1 Page - Micro Electronics

Part # ML7908A
Description  3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

ML7908A Datasheet(HTML) 1 Page - Micro Electronics

  ML7908A Datasheet HTML 1Page - Micro Electronics ML7908A Datasheet HTML 2Page - Micro Electronics ML7908A Datasheet HTML 3Page - Micro Electronics ML7908A Datasheet HTML 4Page - Micro Electronics ML7908A Datasheet HTML 5Page - Micro Electronics ML7908A Datasheet HTML 6Page - Micro Electronics ML7908A Datasheet HTML 7Page - Micro Electronics ML7908A Datasheet HTML 8Page - Micro Electronics ML7908A Datasheet HTML 9Page - Micro Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
■
Package Outline
TO-220
TO-220F
(7900A)
(7900FA)
ABSOLUTE MAXIMUM RATINGS
(Ta=25℃)
PARAMETER
SYMBOL
UNIT
Storage Temperature Range
Tstg
℃
Tj
Topr
Power Dissipation
PD
W
THERMAL RESISTANCE
Θ ja
Θ jc
PARAMETER
SYMBOL
MIN. TYP. MAX. UNIT
ML7905A / ML7905FA
Output Voltage
Vo
VIN=-10V
Io=0.5A
-4.8
-5.0
-5.2
V
Quiescent Current
IQ
VIN=-10V
Io=0mA
-
2.2
5.0
mA
Load Regulation
ΔVo Io
VIN=-10V
-
50
100
mV
Line Regulation
ΔVo Vin VIN=-7 to -25V Io=0.5A
-
12.5
100
mV
Ripple Rejection
RR
VIN=-10V
Io=0.5A
ein=2Vp-p
f=120Hz
54
60
-dB
Output Noise Voltage
VNO
VIN=-10V
Io=0.5A
-
125
-
μV
Average Temperature
Cofficient of Output Voltage
ΔVo / ΔT VIN=-10V
Io=5mA
-
-0.4
-
mV/℃
APR 2005
TEST CONDITIONS
BW=10Hz to 100KHz
Io=0.005A to 1.5A
Maximum Rating
ML7905 to ML7909
ML7912 to ML7920
ML7924
Operating Junction Temperature
15(Tc≦45℃ )
VIN
℃
-30 to +125
-30 to +75
Input Voltage
-40 to +125
V
-35
-35
-40
Junction-to-Case
60
5
Operating Temperature
Range
Operating Ambient Temperature
The ML7900 series are 3-Terminal Negative Voltage Regulators. These negative regulators are intended as complements to
the popular ML7800 series of positive voltage regulations, and they are available in the same voltage options from -5V to -
24V. The ML7900 series employ internal current-limiting. safe-area protection , and thermal shutdown, making them
virtually indestructible.
* Parts of FBE are satisfied with requirements of directive 2002/95/EC on RoHS.
3-TERMINAL NEGATIVE
VOLTAGE REGULATOR
℃/W
(Tj=25℃,C1=0.33μF,Co=0.1μF)
ELECTRICAL CHARACTERISTICS
Measurement is to be conducted
in pulse testing.
Thermal Resistance
Junction-to-Ambient Temperature
1. OUT
2. IN
3. COMMON
ML7900 - FBE*
SERIES
3 2
1
MICRO ELECTRONICS LTD.
7/F, Enterprise Square Three, 39 Wang Chiu Road, Kowloon Bay, Kowloon, Hong Kong.
Fax: (852) 2341 0321 Tel: (852) 2343 0181-5 Website: www.microelectr.com.hk
Page 1 of 10


Similar Part No. - ML7908A

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
ML7908A MICRO-ELECTRONICS-ML7908A Datasheet
460Kb / 10P
3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results

Similar Description - ML7908A

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL7905XE3 CYSTEKEC-PL7905XE3 Datasheet
144Kb / 4P
3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7909XE3 CYSTEKEC-PL7909XE3 Datasheet
144Kb / 4P
3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7908XE3 CYSTEKEC-PL7908XE3 Datasheet
149Kb / 4P
3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SI79XXA SECOS-SI79XXA Datasheet
466Kb / 5P
3-Terminal Negative Voltage Regulator
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
3-Terminal Negative Voltage Regulator
logo
List of Unclassifed Man...
NJM79L05UA-TE1 ETC2-NJM79L05UA-TE1 Datasheet
246Kb / 7P
3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
New Japan Radio
NJM7918FA NJRC-NJM7918FA Datasheet
427Kb / 8P
3-TERMINAL NEGATIVE VOLTAGE REGULATOR
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com