Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHT8N06 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PHT8N06
Description  TrenchMOS transistor Standard level FET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHT8N06 Datasheet(HTML) 5 Page - NXP Semiconductors

  PHT8N06 Datasheet HTML 1Page - NXP Semiconductors PHT8N06 Datasheet HTML 2Page - NXP Semiconductors PHT8N06 Datasheet HTML 3Page - NXP Semiconductors PHT8N06 Datasheet HTML 4Page - NXP Semiconductors PHT8N06 Datasheet HTML 5Page - NXP Semiconductors PHT8N06 Datasheet HTML 6Page - NXP Semiconductors PHT8N06 Datasheet HTML 7Page - NXP Semiconductors PHT8N06 Datasheet HTML 8Page - NXP Semiconductors PHT8N06 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
PHT8N06T
Standard level FET
Fig.7. Typical transfer characteristics.
I
D = f(VGS) ; conditions: VDS = 25 V; parameter Tj
Fig.8. Typical transconductance, T
j = 25 ˚C.
g
fs = f(ID); conditions: VDS = 25 V
Fig.9. Normalised drain-source on-state resistance.
a = R
DS(ON)/RDS(ON)25 ˚C = f(Tj); ID = 5 A; VGS = 10 V
Fig.10. Gate threshold voltage.
V
GS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
Fig.11. Sub-threshold drain current.
I
D = f(VGS); conditions: Tj = 25 ˚C; VDS = VGS
Fig.12. Typical capacitances, C
iss, Coss, Crss.
C = f(V
DS); conditions: VGS = 0 V; f = 1 MHz
01
23456789
0
5
10
15
20
ID/A
VGS/V
Tj/C =
150
25
BUK78xx-55
-100
-50
0
50
100
150
200
0
1
2
3
4
5
Tj / C
VGS(TO) / V
max.
typ.
min.
0
5
10
15
20
2
3
4
5
6
7
8
9
gfs/S
ID/A
01
23
45
1E-06
1E-05
1E-04
1E-03
1E-02
1E-01
Sub-Threshold Conduction
typ
2%
98%
BUK98XX-55
-100
-50
0
50
100
150
200
0.5
1
1.5
2
2.5
Tmb / degC
Rds(on) normalised to 25degC
a
0.01
0.1
1
10
100
0
.1
.2
.3
.4
.5
.6
.7
.8
.9
1
VDS/V
Ciss
Coss
Crss
December 1997
5
Rev 1.100



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com