Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7909A Datasheet(PDF) 2 Page - Micro Electronics

Part # ML7909A
Description  3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

ML7909A Datasheet(HTML) 2 Page - Micro Electronics

  ML7909A Datasheet HTML 1Page - Micro Electronics ML7909A Datasheet HTML 2Page - Micro Electronics ML7909A Datasheet HTML 3Page - Micro Electronics ML7909A Datasheet HTML 4Page - Micro Electronics ML7909A Datasheet HTML 5Page - Micro Electronics ML7909A Datasheet HTML 6Page - Micro Electronics ML7909A Datasheet HTML 7Page - Micro Electronics ML7909A Datasheet HTML 8Page - Micro Electronics ML7909A Datasheet HTML 9Page - Micro Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PARAMETER
SYMBOL
MIN.
TYP. MAX. UNIT
ML7906A / ML7906FA
Output Voltage
Vo
VIN=-11V
Io=0.5A
-5.75
-6.0
-6.25
V
Quiescent Current
IQ
VIN=-11V
Io=0mA
-
2.2
5.0
mA
Load Regulation
ΔVo Io
VIN=-11V
-
50
120
mV
Line Regulation
ΔVo Vin VIN=-8 to -25V
Io=0.5A
-
12.5
120
mV
Ripple Rejection
RR
VIN=-11V
Io=0.5A
ein=2Vp-p
f=120Hz
54
60
-dB
Output Noise Voltage
VNO
VIN=-11V
Io=0.5A
-
150
-
μV
Average Temperature
Cofficient of Output Voltage
ΔVo / ΔT VIN=-11V
Io=5mA
-
-0.4
-
mV/℃
ML7908A / ML7908FA
Output Voltage
Vo
VIN=-14V
Io=0.5A
-7.7
-8.0
-8.3
V
Quiescent Current
IQ
VIN=-14V
Io=0mA
-
2.2
5.0
mA
Load Regulation
ΔVo Io
VIN=-14V
-
60
160
mV
Line Regulation
ΔVo Vin VIN=-10.5 to -25V
Io=0.5A
-
12.5
160
mV
Ripple Rejection
RR
VIN=-14V
Io=0.5A
ein=2Vp-p
f=120Hz
54
60
-dB
Output Noise Voltage
VNO
VIN=-14V
Io=0.5A
-
200
-
μV
Average Temperature
Cofficient of Output Voltage
ΔVo / ΔT VIN=-14V
Io=5mA
-
-0.7
-
mV/℃
ML7909A / ML7909FA
Output Voltage
Vo
VIN=-15V
Io=0.5A
-8.65
-9.0
-9.35
V
Quiescent Current
IQ
VIN=-15V
Io=0mA
-
2.2
5.0
mA
Load Regulation
ΔVo Io
VIN=-15V
-
60
180
mV
Line Regulation
ΔVo Vin VIN=-11.5 to -25V
Io=0.5A
-
8
180
mV
Ripple Rejection
RR
VIN=-15V
Io=0.5A
ein=2Vp-p
f=120Hz
54
60
-dB
Output Noise Voltage
VNO
VIN=-15V
Io=0.5A
-
250
-
μV
Average Temperature
Cofficient of Output Voltage
ΔVo / ΔT VIN=-15V
Io=5mA
-
-0.8
-
mV/℃
ML7912A / ML7912FA
Output Voltage
Vo
VIN=-19V
Io=0.5A
-11.5
-12.0
-12.5
V
Quiescent Current
IQ
VIN=-19V
Io=0mA
-
2.7
6.0
mA
Load Regulation
ΔVo Io
VIN=-19V
-
60
240
mV
Line Regulation
ΔVo Vin VIN=-14.5 to -30V
Io=0.5A
-
5
240
mV
Ripple Rejection
RR
VIN=-19V
Io=0.5A
ein=2Vp-p
f=120Hz
54
60
-dB
Output Noise Voltage
VNO
VIN=-19V
Io=0.5A
-
300
-
μV
Average Temperature
Cofficient of Output Voltage
ΔVo / ΔT VIN=-19V
Io=5mA
-
-0.8
-
mV/℃
ELECTRICAL CHARACTERISTICS
(Tj=25℃,C1=0.33μF,Co=0.1μF)
Measurement is to be conducted
in pulse testing.
TEST CONDITIONS
Io=0.005A to 1.5A
BW=10Hz to 100KHz
Io=0.005A to 1.5A
BW=10Hz to 100KHz
Io=0.005A to 1.5A
BW=10Hz to 100KHz
Io=0.005A to 1.5A
BW=10Hz to 100KHz
Page 2 of 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com