Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLM-150R Datasheet(PDF) 1 Page - Micro Electronics

Part # MLM-150R
Description  Visible LED Conventional Brightness-GaP, GaAsP and AlGaAs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MLM-150R Datasheet(HTML) 1 Page - Micro Electronics

  MLM-150R Datasheet HTML 1Page - Micro Electronics MLM-150R Datasheet HTML 2Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electro-Optical Characteristics :
typ. max. λD
λP
Δλ
MLM-150PG
Pure Green
GaP
2.2
2.6
563
557
24
MLM-150UG
Super Green
GaP
2.2
2.6
567
565
24
MLM-150G
Green
GaP
2.2
2.6
567
565
26
MLM-150YG
Yellow Green
GaP
2.2
2.6
572
570
30
MLM-150Y
Yellow
GaAsP
2.1
2.6
590
589
40
MLM-150D
Amber
GaAsP
2.1
2.6
606
610
40
MLM-150SD
Super Bright
Orange
GaAsP
2.1
2.6
632
642
40
MLM-150UR
Super Bright
Red
AlGaAs
1.9
2.6
643
660
20
MLM-150HR
High Bright
Red
AlGaAs
1.9
2.6
643
660
20
MLM-150R
Red
GaP
2.2
2.6
643
700
100
*NIST standards
Absolute Maximum Ratings :
Series
Pd(mW)
IF(mA)
MLM-150 Series
65
25
MLM-150 UR/HR
78
30
**Condition for IFP is pulse of 1/10 duty and 0.1msec width
Package Outline Dimensions :
100**
5
-30 to +80
-40 to +85
Iv*(mcd)
λ
(nm)
Code for Parts
Lighting
Color
Material
VF(V)
typ.
MLM-150 Series
Conventional Brightness-
GaP, GaAsP and AlGaAs
IF@20mA, Ta25ºC)
Visible LED
2.5
6.0
10
17
25
IFP(mA)
VR(V)
3.5
9.5
6.5
TOP(ºC)
TST(ºC)
(Ta=25ºC)
9.5
6.5
G/F, 38 Hung To Road, Kwun Tong, Kowloon, Hong Kong.
Kwun Tong P.O. BOX 69477, Hong Kong. TEL: (852) 23430181 FAX: (852) 23410321
HOMEPAGE: http://www.microelectr.com.hk E-MAIL ADDRESS: common@microelectr.com.hk
MICRO ELECTRONICS LTD.


Similar Part No. - MLM-150R

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MLM-150NB MICRO-ELECTRONICS-MLM-150NB Datasheet
121Kb / 1P
Visible LED Special Color GaN, InGaN
MLM-150 MICRO-ELECTRONICS-MLM-150_01 Datasheet
121Kb / 1P
Visible LED Special Color GaN, InGaN
More results

Similar Description - MLM-150R

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MLM-110 MICRO-ELECTRONICS-MLM-110 Datasheet
294Kb / 2P
Visible LED Conventional Brightness-GaP, GaAsP and AlGaAs
MLM-170 MICRO-ELECTRONICS-MLM-170 Datasheet
291Kb / 2P
Visible LED Conventional Brightness-GaP, GaAsP and AlGaAs
MLM-190 MICRO-ELECTRONICS-MLM-190 Datasheet
295Kb / 2P
Visible LED Conventional Brightness-GaP, GaAsP and AlGaAs
MLM-152 MICRO-ELECTRONICS-MLM-152 Datasheet
261Kb / 2P
Visible LED Conventional Brightness-GaP and GaAsP
MLM-156 MICRO-ELECTRONICS-MLM-156 Datasheet
288Kb / 2P
Visible LED Conventional Brightness-GaP, GaAsP and AlGaAs
MLM-191 MICRO-ELECTRONICS-MLM-191 Datasheet
300Kb / 2P
Visible LED Conventional Brightness-GaP, GaAsP and AlGaAs
logo
OSA Opto Light GmbH
170210 OSA-170210 Datasheet
53Kb / 1P
GaAsP / GaP LED Chips
180622 OSA-180622 Datasheet
54Kb / 1P
GaAsP / GaP LED Chips
190210 OSA-190210 Datasheet
53Kb / 1P
GaAsP / GaP LED Chips
logo
Micro Electronics
MLM-155 MICRO-ELECTRONICS-MLM-155 Datasheet
305Kb / 2P
Visible LED Conventional Brightness-GaP, GaAsP and AlGaAs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com