Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6201P302PLG Datasheet(PDF) 3 Page - Minilogic Device Corporation Limited

Part # ML6201P302PLG
Description  Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML6201P302PLG Datasheet(HTML) 3 Page - Minilogic Device Corporation Limited

  ML6201P302PLG Datasheet HTML 1Page - Minilogic Device Corporation Limited ML6201P302PLG Datasheet HTML 2Page - Minilogic Device Corporation Limited ML6201P302PLG Datasheet HTML 3Page - Minilogic Device Corporation Limited ML6201P302PLG Datasheet HTML 4Page - Minilogic Device Corporation Limited ML6201P302PLG Datasheet HTML 5Page - Minilogic Device Corporation Limited ML6201P302PLG Datasheet HTML 6Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
P3/6
Rev. A, June 2005
ML6201
ML6201P502 VOUT(T)=5.0V(Note 1)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
VOUT(E)
(Note 2)
IOUT=40mA
VIN=6.0V
4.900
5.000
5.100
V
1
Maximum Output Current
IOUT max
VIN=6.0V, VOUT(E)
≥ 4.5V
250
mA
1
Load Stability
∆VOUT
VIN=6.0V, 1mA
≤IOUT≤100mA
40
80
mV
1
Vdif1
IOUT=100mA
120
400
mV
1
Input –Output
Voltage Differential (Note 3)
Vdif2
IOUT=200mA
380
750
mV
1
Supply Current
ISS
VIN=6.0V
3.3
4.5
uA
2
Input Stability
∆VOUT
∆VIN * VOUT
IOUT=40mA
6.0V
≤VIN≤10.0V
0.2
0.3
%V
1
Input Voltage
VIN
10
V
-
ML6201P402 VOUT(T)=4.0V(Note 1)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
VOUT(E)
(Note 2)
IOUT=40mA
VIN=5.0V
3.920
4.000
4.080
V
1
Maximum Output Current
IOUT max
VIN=5.0V, VOUT(E)
≥3.6V
200
mA
1
Load Stability
∆VOUT
VIN=5.0V, 1mA
≤IOUT≤100mA
45
90
mV
1
Vdif1
IOUT=90mA
170
400
mV
1
Input –Output
Voltage Differential (Note 3)
Vdif2
IOUT=180mA
400
750
mV
1
Supply Current
ISS
VIN=5.0V
3.0
4.5
uA
2
Input Stability
∆VOUT
∆VIN * VOUT
IOUT=40mA
5.0V
≤VIN≤10.0V
0.2
0.3
%V
1
Input Voltage
VIN
10
V
-
ML6201P302 VOUT(T)=3.0V(Note 1)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
VOUT(E)
(Note 2)
IOUT=40mA
VIN=4.0V
2.940
3.000
3.060
V
1
Maximum Output Current
IOUT max
VIN=4.0V, VOUT(E)
≥2.7V
150
mA
1
Load Stability
∆VOUT
VIN=4.0V, 1mA
≤IOUT≤80mA
45
90
mV
1
Vdif1
IOUT=80mA
180
450
mV
1
Input –Output
Voltage Differential (Note 3)
Vdif2
IOUT=150mA
400
850
mV
1
Supply Current
ISS
VIN=4.0V
2.8
4.5
uA
2
Input Stability
∆VOUT
∆VIN * VOUT
IOUT=40mA
4.0V
≤VIN≤10.0V
0.2
0.3
%V
1
Input Voltage
VIN
10
V
-
ML6201P202 VOUT(T)=2.0V(Note 1)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
VOUT(E)
(Note 2)
IOUT=40mA
VIN=3.0V
1.960
2.000
2.040
V
1
Maximum Output Current
IOUT max
VIN=3.0V, VOUT(E)
≥1.8V
100
mA
1
Load Stability
∆VOUT
VIN=3.0V, 1mA
≤IOUT≤60mA
45
90
mV
1
Vdif1
IOUT=60mA
180
450
mV
1
Input –Output
Voltage Differential (Note 3)
Vdif2
IOUT=100mA
400
850
mV
1
Supply Current
ISS
VIN=3.0V
2.5
4.5
uA
2
Input Stability
∆VOUT
∆VIN * VOUT
IOUT=40mA
3.0V
≤VIN≤10.0V
0.2
0.3
%V
1
Input Voltage
VIN
10
V
-
Note : 1. VOUT(T) = Specified Output Voltage.
2. VOUT(E) = Effective Output Voltage (i.e. the output voltage when (VOUT(T)+1.0V) is provided at the VIN pin
while maintaining a certain IOUT value).
3. Vdif = VIN1(Note 4) – VOUT(E)
4. VIN1 = The input voltage at the time 98% of VOUT (E) is output (input voltage has been gradually reduced).
Electrical Characteristic



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com