Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6201P303PLG Datasheet(PDF) 4 Page - Minilogic Device Corporation Limited

Part # ML6201P303PLG
Description  Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML6201P303PLG Datasheet(HTML) 4 Page - Minilogic Device Corporation Limited

  ML6201P303PLG Datasheet HTML 1Page - Minilogic Device Corporation Limited ML6201P303PLG Datasheet HTML 2Page - Minilogic Device Corporation Limited ML6201P303PLG Datasheet HTML 3Page - Minilogic Device Corporation Limited ML6201P303PLG Datasheet HTML 4Page - Minilogic Device Corporation Limited ML6201P303PLG Datasheet HTML 5Page - Minilogic Device Corporation Limited ML6201P303PLG Datasheet HTML 6Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
P4/6
Rev. A, June 2005
ML6201
Electrical Characteristics by Output Voltage
Conditions
MIN.
TYP.
MAX.
Conditions
MIN.
Conditions
TYP. MAX.
Conditions
TYP. MAX.
ML6201P113
1.067
1.100
1.133
ML6201P123
1.164
1.200
1.236
ML6201P133
1.261
1.300
1.339
ML6201P143
1.358
1.400
1.442
ML6201P153
1.455
1.500
1.545
ML6201P163
1.552
1.600
1.648
ML6201P173
1.649
1.700
1.751
ML6201P183
1.746
1.800
1.854
ML6201P193
1.843
1.900
1.957
ML6201P202
1.960
2.000
2.040
ML6201P212
2.058
2.100
2.142
ML6201P222
2.156
2.200
2.244
ML6201P232
2.254
2.300
2.346
ML6201P242
2.352
2.400
2.448
ML6201P252
2.450
2.500
2.550
ML6201P262
2.548
2.600
2.652
ML6201P272
2.646
2.700
2.754
ML6201P282
2.744
2.800
2.856
ML6201P292
2.842
2.900
2.958
ML6201P302
2.940
3.000
3.060
ML6201P312
3.038
3.100
3.162
ML6201P322
3.136
3.200
3.264
ML6201P332
3.234
3.300
3.366
ML6201P342
3.332
3.400
3.468
ML6201P352
3.430
3.500
3.570
ML6201P362
3.528
3.600
3.672
ML6201P372
3.626
3.700
3.774
ML6201P382
3.724
3.800
3.876
ML6201P392
3.822
3.900
3.978
ML6201P402
3.920
4.000
4.080
ML6201P412
4.018
4.100
4.182
ML6201P422
4.116
4.200
4.284
ML6201P432
4.214
4.300
4.386
ML6201P442
4.312
4.400
4.488
ML6201P452
4.410
4.500
4.590
ML6201P462
4.508
4.600
4.692
ML6201P472
4.606
4.700
4.794
ML6201P482
4.704
4.800
4.896
ML6201P492
4.802
4.900
4.998
ML6201P502
4.900
5.000
5.100
ML6201P512
4.998
5.100
5.202
ML6201P522
5.096
5.200
5.304
ML6201P532
5.194
5.300
5.406
ML6201P542
5.292
5.400
5.508
ML6201P552
5.390
5.500
5.610
ML6201P562
5.488
5.600
5.712
ML6201P572
5.586
5.700
5.814
ML6201P582
5.684
5.800
5.916
ML6201P592
5.782
5.900
6.018
ML6201P602
5.880
6.000
6.120
90
IOUT=20mA
250
450
IOUT=30mA
250
450
IOUT=40mA
VIN=VOUT(T)+1V
VIN=VOUT(T)+1V
VOUT(E)>
VOUT(T)*0.9
80
VIN=VOUT(T)+1V
1mA<IOUT<40mA
VIN=VOUT(T)+1V
1mA<IOUT<100mA
VIN=VOUT(T)+1V
1mA<IOUT<60mA
200
250
IOUT=100mA
120
400
IOUT=90mA
170
400
45
IOUT=60mA
180
450
IOUT=80mA
180
450
150
VIN= VOUT(T)+1V
1mA<IOUT<80mA
100
45
Load Stability
∆
∆
∆
∆ VOUT(mV)
90
VIN=VOUT+1V
1mA<IOUT<100mA
40
80
45
90
90
45
450
250
IOUT=40mA
Part Number
Output voltage
VOUT(V)
I-O Voltage Differential
Vdif1(mV)
Max Output Current
IOUT max(mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com