Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLM-350 Datasheet(PDF) 1 Page - Micro Electronics

Part # MLM-350
Description  Visible LED Full Color Series (3 Chips in 1 Package)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MLM-350 Datasheet(HTML) 1 Page - Micro Electronics

  MLM-350 Datasheet HTML 1Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electro-Optical Characteristics :
typ. max. λD
λP
Δλ
USD
2.0
2.6
625
636
22
NG
3.5
4.2
525
523
36
NB
3.5
4.2
470
468
26
HQ
2.1
2.8
632
643
20
UYG
2.2
2.6
573
574
16
CBS
4.0
4.7
468
430
65
SD
2.1
2.6
632
642
40
YG
2.2
2.6
570
568
30
CBS
4.0
4.7
468
430
65
*NIST standards
Absolute Maximum Ratings :
Series
Pd(mW)
IF(mA)
MLM-350CBS
70
15
MLM-350CB/CG
84
20
MLM-350SD/YG
90
20
MLM-350HQ
42
15
MLM-350UYG/USD
78
30
**Condition for IFP is pulse of 1/10 duty and 0.1msec width
Package Outline Dimensions :
Note :
( 1 ) Soldering terminal may shift in x,y direction.
( 2 ) Common anode
Die1: Super Bright Orange
Die2: Yellow Green
Die3: Blue
MLM-350FC
10
9.5
70
105
25
32
6
λ
(nm)
Lighting Color
MLM-350FCH
MLM-350FCQ
Die1: Ultra Bright Orange
Die2: Green
Die3: Blue
Die1: Ultra Bright Red
Die2: Ultra Bright Yellow Green
Die3: Blue
Code for Parts
Iv*(mcd)
typ.
VF(V)
45
6
MLM-350 Series
Visible LED
(3 Chips in 1 Package)
IF@20mA, Ta25ºC)
Full Color Series
-30 to +80
-40 to +85
TOP(ºC)
TST(ºC)
Soldering Pattern
(Ta=25ºC)
IFP(mA)
VR(V)
100**
5
100**
100**
100**
100**
G/F, 38 Hung To Road, Kwun Tong, Kowloon, Hong Kong.
Kwun Tong P.O. BOX 69477, Hong Kong. TEL: (852) 23430181 FAX: (852) 23410321
HOMEPAGE: http://www.microelectr.com.hk E-MAIL ADDRESS: common@microelectr.com.hk
MICRO ELECTRONICS LTD.
All dimension in mm
Drawing No scale
Tol.:+/-0.1mm


Similar Part No. - MLM-350

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
MLM-3XMP COMPUTAR-MLM-3XMP Datasheet
410Kb / 1P
0.3X - 1.0X for 2/3 type Cameras, Megapixel Macro Zoom C-Mount
2004.5
More results

Similar Description - MLM-350

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MLM-191NB-CT MICRO-ELECTRONICS-MLM-191NB-CT Datasheet
118Kb / 1P
Visible LED Blue Color
MLM-191NW MICRO-ELECTRONICS-MLM-191NW Datasheet
118Kb / 1P
Visible LED White Color
MLM-192NB-DT MICRO-ELECTRONICS-MLM-192NB-DT Datasheet
139Kb / 1P
Visible LED Blue Color
MLM-192NG-DT MICRO-ELECTRONICS-MLM-192NG-DT Datasheet
139Kb / 1P
Visible LED Green Color
logo
Kingbright Corporation
WP154A4SUREPBGVGAC KINGBRIGHT-WP154A4SUREPBGVGAC Datasheet
504Kb / 8P
T-1 3/4 (5mm) FULL COLOR LED LAMP
WP154A4SUREPBGVGAW KINGBRIGHT-WP154A4SUREPBGVGAW Datasheet
504Kb / 8P
T-1 3/4 (5mm) FULL COLOR LED LAMP
logo
P-tec Corporation
PL0055T-WCRGB P-TEC-PL0055T-WCRGB Datasheet
35Kb / 1P
Full Color SMD LED PLCC-6 Package
logo
Kingbright Corporation
WP154A4SUREQBFZGKC KINGBRIGHT-WP154A4SUREQBFZGKC_15 Datasheet
377Kb / 8P
T-1 3/4 (5mm) FULL COLOR LED LAMP
WP154A4SUREQBFZGKW KINGBRIGHT-WP154A4SUREQBFZGKW_15 Datasheet
377Kb / 8P
T-1 3/4 (5mm) FULL COLOR LED LAMP
WP154A4SUREQBFZGC KINGBRIGHT-WP154A4SUREQBFZGC Datasheet
368Kb / 5P
T-1 3/4 (5mm) Full Color LED Lamp
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com