Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLM-152 Datasheet(PDF) 1 Page - Micro Electronics

Part # MLM-152
Description  Visible LED Conventional Brightness-GaP and GaAsP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MLM-152 Datasheet(HTML) 1 Page - Micro Electronics

  MLM-152 Datasheet HTML 1Page - Micro Electronics MLM-152 Datasheet HTML 2Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electro-Optical Characteristics :
typ. max. λD
λP
Δλ
Yellow Green
(YG)
GaP
2.2
2.6
572
570
30
Yellow Green
(YG)
GaP
2.2
2.6
572
570
30
Yellow (Y)
GaAsP
2.1
2.6
590
589
40
Yellow (Y)
GaAsP
2.1
2.6
590
589
40
Super Bright
Orange (SD)
GaAsP
2.1
2.6
532
642
40
Yellow Green
(YG)
GaP
2.2
2.6
572
570
30
*NIST standards
Absolute Maximum Ratings :
Series
Pd(mW)
IF(mA)
MLM-152 Series
65
25
**Condition for IFP is pulse of 1/10 duty and 0.1msec width
Package Outline Dimensions :
TST(ºC)
100**
5
-30 to +80
-40 to +85
Code for Parts
Lighting
Color
Material
VF(V)
MLM-152 Series
Conventional Brightness-
GaP and GaAsP
IF@20mA, Ta25ºC)
Visible LED
MLM-152 YG/YG
MLM-152 Y/Y
MLM-152 SD/YG
Iv*(mcd)
λ
(nm)
9.5
typ.
9.5
9.5
8.0
VR(V)
IFP(mA)
8.0
10.0
(Ta=25ºC)
TOP(ºC)
G/F, 38 Hung To Road, Kwun Tong, Kowloon, Hong Kong.
Kwun Tong P.O. BOX 69477, Hong Kong. TEL: (852) 23430181 FAX: (852) 23410321
HOMEPAGE: http://www.microelectr.com.hk E-MAIL ADDRESS: common@microelectr.com.hk
MICRO ELECTRONICS LTD.


Similar Part No. - MLM-152

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MLM-150 MICRO-ELECTRONICS-MLM-150 Datasheet
287Kb / 2P
Visible LED Conventional Brightness-GaP, GaAsP and AlGaAs
MLM-150D MICRO-ELECTRONICS-MLM-150D Datasheet
287Kb / 2P
Visible LED Conventional Brightness-GaP, GaAsP and AlGaAs
MLM-150G MICRO-ELECTRONICS-MLM-150G Datasheet
287Kb / 2P
Visible LED Conventional Brightness-GaP, GaAsP and AlGaAs
MLM-150HR MICRO-ELECTRONICS-MLM-150HR Datasheet
287Kb / 2P
Visible LED Conventional Brightness-GaP, GaAsP and AlGaAs
MLM-150NB MICRO-ELECTRONICS-MLM-150NB Datasheet
121Kb / 1P
Visible LED Special Color GaN, InGaN
More results

Similar Description - MLM-152

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MLM-110 MICRO-ELECTRONICS-MLM-110 Datasheet
294Kb / 2P
Visible LED Conventional Brightness-GaP, GaAsP and AlGaAs
MLM-150 MICRO-ELECTRONICS-MLM-150 Datasheet
287Kb / 2P
Visible LED Conventional Brightness-GaP, GaAsP and AlGaAs
MLM-170 MICRO-ELECTRONICS-MLM-170 Datasheet
291Kb / 2P
Visible LED Conventional Brightness-GaP, GaAsP and AlGaAs
MLM-190 MICRO-ELECTRONICS-MLM-190 Datasheet
295Kb / 2P
Visible LED Conventional Brightness-GaP, GaAsP and AlGaAs
MLM-156 MICRO-ELECTRONICS-MLM-156 Datasheet
288Kb / 2P
Visible LED Conventional Brightness-GaP, GaAsP and AlGaAs
MLM-191 MICRO-ELECTRONICS-MLM-191 Datasheet
300Kb / 2P
Visible LED Conventional Brightness-GaP, GaAsP and AlGaAs
logo
OSA Opto Light GmbH
170210 OSA-170210 Datasheet
53Kb / 1P
GaAsP / GaP LED Chips
180622 OSA-180622 Datasheet
54Kb / 1P
GaAsP / GaP LED Chips
190210 OSA-190210 Datasheet
53Kb / 1P
GaAsP / GaP LED Chips
logo
Micro Electronics
MLM-155 MICRO-ELECTRONICS-MLM-155 Datasheet
305Kb / 2P
Visible LED Conventional Brightness-GaP, GaAsP and AlGaAs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com