Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93AA76AI/ST Datasheet(PDF) 13 Page - Microchip Technology

Part # 93AA76AI/ST
Description  8K Microwire Compatible Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA76AI/ST Datasheet(HTML) 13 Page - Microchip Technology

Back Button 93AA76AI/ST Datasheet HTML 9Page - Microchip Technology 93AA76AI/ST Datasheet HTML 10Page - Microchip Technology 93AA76AI/ST Datasheet HTML 11Page - Microchip Technology 93AA76AI/ST Datasheet HTML 12Page - Microchip Technology 93AA76AI/ST Datasheet HTML 13Page - Microchip Technology 93AA76AI/ST Datasheet HTML 14Page - Microchip Technology 93AA76AI/ST Datasheet HTML 15Page - Microchip Technology 93AA76AI/ST Datasheet HTML 16Page - Microchip Technology 93AA76AI/ST Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
 2004 Microchip Technology Inc.
DS21796D-page 13
93AA76A/B/C, 93LC76A/B/C, 93C76A/B/C
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
Legend:
XX...X
Part number
T
Temperature
Blank
Commercial
I
Industrial
E
Extended
YY
Year code (last 2 digits of calendar year) except TSSOP
and MSOP which use only the last 1 digit
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
Custom marking available.
Example:
6-Lead SOT-23
8-Lead MSOP (150 mil)
Example:
XXXXXXT
YWWNNN
3L76I
2281L7
XXNN
4EL7
XXXXXNNN
XXXXXXXX
YYWW
8-Lead PDIP
8-Lead SOIC
XXXXYYWW
XXXXXXXX
NNN
XXXX
TYWW
8-Lead TSSOP
NNN
I/P 1L7
93LC76
0228
Example:
Example:
I/SN 0228
93LC76
1L7
1L7
L76
I228
Example:
MSOP 1st Line Marking Codes
Device
93AA76C
93LC76C
93C76C
std mark
3A76CT
3L76CT
3C76CT
Pb-free
mark
GA76CT
GL76CT
GC76CT
T = blank for commercial, “I” for Industrial,
“E” for Extended.
TSSOP 1st Line Marking Codes
Device
93AA76C
93LC76C
93C76C
std mark
A76C
L76C
C76C
Pb-free
mark
GADC
GLDC
GCDC
Temperature grade is marked on line 2.
SOT23 Marking Codes
Device
93AA76A
93AA76B
93LC76A
93LC76B
93C76A
93C76B
I-temp
4BNN
4LNN
4ENN
4PNN
4HNN
4TNN
E-temp
–
–
4FNN
4RNN
4JNN
4UNN
Pb-free topside mark is same; Pb-free
noted only on carton label.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com