Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6201P302MBG Datasheet(PDF) 6 Page - Minilogic Device Corporation Limited

Part # ML6201P302MBG
Description  Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML6201P302MBG Datasheet(HTML) 6 Page - Minilogic Device Corporation Limited

  ML6201P302MBG Datasheet HTML 1Page - Minilogic Device Corporation Limited ML6201P302MBG Datasheet HTML 2Page - Minilogic Device Corporation Limited ML6201P302MBG Datasheet HTML 3Page - Minilogic Device Corporation Limited ML6201P302MBG Datasheet HTML 4Page - Minilogic Device Corporation Limited ML6201P302MBG Datasheet HTML 5Page - Minilogic Device Corporation Limited ML6201P302MBG Datasheet HTML 6Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
P6/6
Rev. A, June 2005
ML6201
Ordering Information
Marking
Designator
Description
Output Voltage
eg.
30=3.0V
a
50=5.0V
b
Output Voltage Accuracy
2 = + 2.0%
3 = + 3.0%
c
Package Type
M = SOT-23-5
P = SOT-89
T = TO-92
d
Device Orientation
R = Embossed Tape
(Orientation of Device : Right)
L = Embossed Tape
(Orientation of Device : Left)
B = Bag (TO-92)
H = Paper Tape (TO-92)
G
G = Lead Free Part
SOT-89 :
Designator
Description
1
Type
V = Positive Voltage Regulator
2,3
Output Voltage
eg. 30 = 3.0V
4
Output Voltage Accuracy
2 = + 2.0%
3 = + 3.0%
5
Internal Code
TO-92 :
Designator
Description
1
Type
V = Positive Voltage Regulator
2,3
Output Voltage
eg. 30 = 3.0V
4
Output Voltage Accuracy
2 = + 2.0%
3 = + 3.0%
5
Internal code
6, 7
Year Code
eg. 05 = Year 2005
8, 9
Week Code
eg. 30 = Week 30
The information presented in this document does not form part of any quotation or contract, is believed to be accurate and
reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use.
SOT-23-5 :
Designator
Description
1
Type
V = Positive Voltage Regulator
2,3
Output Voltage
eg. 30 = 3.0V
4
Internal Code



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com