Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93AA76AI/MSG Datasheet(PDF) 7 Page - Microchip Technology

Part # 93AA76AI/MSG
Description  8K Microwire Compatible Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA76AI/MSG Datasheet(HTML) 7 Page - Microchip Technology

Back Button 93AA76AI/MSG Datasheet HTML 3Page - Microchip Technology 93AA76AI/MSG Datasheet HTML 4Page - Microchip Technology 93AA76AI/MSG Datasheet HTML 5Page - Microchip Technology 93AA76AI/MSG Datasheet HTML 6Page - Microchip Technology 93AA76AI/MSG Datasheet HTML 7Page - Microchip Technology 93AA76AI/MSG Datasheet HTML 8Page - Microchip Technology 93AA76AI/MSG Datasheet HTML 9Page - Microchip Technology 93AA76AI/MSG Datasheet HTML 10Page - Microchip Technology 93AA76AI/MSG Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
 2004 Microchip Technology Inc.
DS21796D-page 7
93AA76A/B/C, 93LC76A/B/C, 93C76A/B/C
2.5
ERASE ALL (ERAL)
The Erase All (ERAL) instruction will erase the entire
memory array to the logical ‘1’ state. The ERAL cycle is
identical to the ERASE cycle, except for the different
opcode. The ERAL cycle is completely self-timed. The
rising edge of CLK before the last data bit initiates the
write cycle. Clocking of the CLK pin is not necessary
after the device has entered the ERAL cycle.
The DO pin indicates the READY/BUSY status of the
device, if CS is brought high after a minimum of 250 ns
low (TCSL).
Note:
Issuing a Start bit and then taking CS low
will clear the READY/BUSY status from
DO.
VCC must be
≥ 4.5V for proper operation of ERAL.
FIGURE 2-2:
ERAL TIMING
CS
CLK
DI
DO
TCSL
CHECK STATUS
10
0
1
0
X
•••
X
TSV
TCZ
BUSY
READY
HIGH-Z
TEC
HIGH-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com