Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLM-192CB Datasheet(PDF) 1 Page - Micro Electronics

Part # MLM-192CB
Description  Visible LED Special Color-GaN, InGaN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MLM-192CB Datasheet(HTML) 1 Page - Micro Electronics

  MLM-192CB Datasheet HTML 1Page - Micro Electronics MLM-192CB Datasheet HTML 2Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electro-Optical Characteristics :
typ.
max
λD
λP
Δλ
MLM-192CBS
Blue
4.0
4.7
468
430
65
MLM-192NB
Blue
4.0
4.5
470
468
45
MLM-192CB
Blue
3.5
4.2
470
468
26
MLM-192CBG
Blue Green
3.5
4.2
505
502
30
MLM-192CG
Green
3.5
4.2
525
523
36
MLM-192CWS
White
4.0
4.5
X=0.29
Y=0.29
428
-
MLM-192CW
White
4.0
4.5
X=0.29
Y=0.31
468
-
MLM-192NW
White
4.0
4.5
X=0.29
Y=0.31
468
-
Absolute Maximum Ratings :
Series
Pd (mW)
IF (mA)
MLM-192CBS
70
15
MLM-192 Series
84
20
MLM-192NB
90
20
**Condition for IFP is pulse of 1/10 duty and 0.1msec width
Package Outline Dimensions :
All dimension in mm
Drawing no scale
Tol. : +/-0.1mm
18
6
25
InGaN
typ.
Iv* (mcd)
λ
(nm)
VF(V)
MLM-192 series
Visible LED
GaN, InGaN
IF@20mA, Ta25ºC)
Special Color-
Lighting
Color
Code for parts
GaN
InGaN
Material
InGaN
40
InGaN
45
GaN
6
InGaN
20
InGaN
25
IFP (mA)
100**
5
-30~+80
-40~+85
100**
80**
TST(℃ )
●
Recommended Soldering Pattern for
Reflow Soldering
(Ta25ºC)
VR (V)
TOP(℃ )
G/F, 38 Hung To Road, Kwun Tong, Kowloon, Hong Kong.
Kwun Tong P.O. BOX 69477, Hong Kong. TEL: (852) 23430181 FAX: (852) 23410321
HOMEPAGE: http://www.microelectr.com.hk E-MAIL ADDRESS: common@microelectr.com.hk
MICRO ELECTRONICS LTD.


Similar Part No. - MLM-192CB

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MLM-192NB-DT MICRO-ELECTRONICS-MLM-192NB-DT Datasheet
139Kb / 1P
Visible LED Blue Color
MLM-192NG-DT MICRO-ELECTRONICS-MLM-192NG-DT Datasheet
139Kb / 1P
Visible LED Green Color
More results

Similar Description - MLM-192CB

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MLM-191NB-CT MICRO-ELECTRONICS-MLM-191NB-CT Datasheet
118Kb / 1P
Visible LED Blue Color
MLM-191NW MICRO-ELECTRONICS-MLM-191NW Datasheet
118Kb / 1P
Visible LED White Color
MLM-192NB-DT MICRO-ELECTRONICS-MLM-192NB-DT Datasheet
139Kb / 1P
Visible LED Blue Color
MLM-192NG-DT MICRO-ELECTRONICS-MLM-192NG-DT Datasheet
139Kb / 1P
Visible LED Green Color
MLM-S91 MICRO-ELECTRONICS-MLM-S91 Datasheet
338Kb / 2P
Visible LED Special Color-GaN, InGaN
logo
DOMINANT Semiconductors
DDT-CJS-RS2-1 DOMINANT-DDT-CJS-RS2-1 Datasheet
806Kb / 15P
LED InGaN
logo
Micro Electronics
MLM-150 MICRO-ELECTRONICS-MLM-150_01 Datasheet
121Kb / 1P
Visible LED Special Color GaN, InGaN
logo
Seoul Semiconductor
EWT801-S SEOUL-EWT801-S Datasheet
296Kb / 21P
Package: White PLCC2 White Color Technology: InGan/Gan
logo
STANLEY ELECTRIC CO.,LT...
SPW1653JPTE-12-TR STANLEY-SPW1653JPTE-12-TR Datasheet
1Mb / 24P
?? Dies product, Special color emitting LED (Purplish Pink)
SPW1653JCTE-11-TR STANLEY-SPW1653JCTE-11-TR Datasheet
1Mb / 24P
?? Dies product, Special color emitting LED (Ice Blue)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com