Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST28S Datasheet(PDF) 6 Page - STMicroelectronics

Part # ACST28S
Description  AC Switch family Alternating current switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST28S Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ACST28S Datasheet HTML 2Page - STMicroelectronics ACST28S Datasheet HTML 3Page - STMicroelectronics ACST28S Datasheet HTML 4Page - STMicroelectronics ACST28S Datasheet HTML 5Page - STMicroelectronics ACST28S Datasheet HTML 6Page - STMicroelectronics ACST28S Datasheet HTML 7Page - STMicroelectronics ACST28S Datasheet HTML 8Page - STMicroelectronics ACST28S Datasheet HTML 9Page - STMicroelectronics ACST28S Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AC line switch basic application
ACST2 Series
6/11
2
AC line switch basic application
The ACST2 device has been designed to switch on and off highly inductive or resistive loads
such as pump, valve, fan, or bulb lamp. Thanks to its high sensitivity (IGT max = 10 mA), the
ACST2 can be driven directly by logic level circuits through a resistor as shown on the
typical application diagram. Thanks to its thermal and turn-off commutation performances,
the ACST2 switch can drive, without any additional snubber, an inductive load up to 2 A.
Figure 15.
Typical application diagram
2.1
Protection against overvoltage: the best choice is ACST
In comparison with standard triacs, which are not robust against surge voltages, the ACST2
is over-voltage self-protected, specified by the new parameter VCL. In addition, ACST2 is a
sensitive device (IGT = 10mA), but provides a high noise immunity level against fast
transients.
The ACST2 switch is able to sustain safely the AC line transient voltages either by clamping
the low energy spikes or by breaking over under high energy shocks, even with fast turn-on
current rises.
The test circuit of the Figure 16 is representative of the final ACST2 application, and is also
used to stress the ACST switch according to the IEC 61000-4-5 standard conditions. Thanks
to the load limiting the current, the ACST switch sustains the voltage spikes up to 2 kV
above the peak line voltage. The protection is based on an overvoltage crowbar technology.
Actually, the ACST2 will break over safely as shown on Figure 17. The ACST is recovering
its blocking voltage capability at the next zero current crossing point. Such non repetitive test
can be done 10 times on each AC line voltage polarity.
AC LOAD
MCU
Line
Power supply
L
AC Mains
R
Rg
ACST2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com