Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NML04DR10TRF Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NML04DR10TRF
Description  Multilayer Chip Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NML04DR10TRF Datasheet(HTML) 5 Page - NIC-Components Corp.

  NML04DR10TRF Datasheet HTML 1Page - NIC-Components Corp. NML04DR10TRF Datasheet HTML 2Page - NIC-Components Corp. NML04DR10TRF Datasheet HTML 3Page - NIC-Components Corp. NML04DR10TRF Datasheet HTML 4Page - NIC-Components Corp. NML04DR10TRF Datasheet HTML 5Page - NIC-Components Corp. NML04DR10TRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
8
9
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
NIC
P/N
'L'
Inductance
(nh)
Tolerance
(std)
'Q'
Factor
(min.)
L & Q
Test
Freq.
SRF
MHz
(min.)
DC
Resistance
(ohms) Max.
Rated
DC Current
(mA) Max.
NML08D1N5TRF
1.5
±0.3nH (D)
10
100MHz
4,000
0.10
300
NML08D1N8TRF
1.8
±0.3nH (D)
10
4,000
0.10
300
NML08D2N2TRF
2.2
±0.3nH (D)
10
4,000
0.10
300
NML08D2N7TRF
2.7
±0.3nH (D)
12
4,000
0.10
300
NML08J3N3TRF
3.3
±5% (J)
12
4,000
0.13
300
NML08J3N9TRF
3.9
±5% (J)
12
4,000
0.15
300
NML08J4N7TRF
4.7
±5% (J)
12
3,500
0.20
300
NML08J5N6TRF
5.6
±5% (J)
15
3,200
0.23
300
NML08J6N8TRF
6.8
±5% (J)
15
2,800
0.25
300
NML08J8N2TRF
8.2
±5% (J)
15
2,400
0.28
300
NML08J10NTRF
10
±5% (J)
15
2,100
0.30
300
NML08J12NTRF
12
±5% (J)
15
1,900
0.35
300
NML08J15NTRF
15
±5% (J)
15
1,600
0.40
300
NML08J18NTRF
18
±5% (J)
15
1,500
0.45
300
NML08J22NTRF
22
±5% (J)
18
1,400
0.50
300
NML08J27NTRF
27
±5% (J)
18
1,300
0.55
300
NML08J33NTRF
33
±5% (J)
18
1,200
0.60
300
NML08J39NTRF
39
±5% (J)
18
1,000
0.65
300
NML08J47NTRF
47
±5% (J)
18
900
0.70
300
NML08J56NTRF
56
±5% (J)
18
800
0.75
300
NML08J68NTRF
68
±5% (J)
18
700
0.80
300
NML08J82NTRF
82
±5% (J)
18
600
0.90
300
NML08JR10TRF
100*
±5% (J)
18
600
0.90
300
NML08JR12TRF
120*
±5% (J)
13
50MHz
500
0.95
300
NML08JR15TRF
150*
±5% (J)
13
500
1.00
300
NML08JR18TRF
180*
±5% (J)
13
400
1.10
300
NML08JR22TRF
220*
±5% (J)
12
350
1.20
300
NML08JR27TRF
270*
±5% (J)
12
300
1.30
300
NML08JR33TRF
330*
±5% (J)
12
250
1.40
300
NML08JR39TRF
390*
±5% (J)
10
250
1.30
300
NML08JR47TRF
470*
±5% (J)
10
200
1.50
300
Multilayer Chip Inductors
NML Series
NML08 SERIES
VALUES AND SPECIFICATIONS
*These values have a 1.25mm ±0.20mm height dimension
Performance Curves



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com