Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MO456FA-H-R Datasheet(PDF) 1 Page - Micro Electronics

Part # MO456FA-H-R
Description  HIGH EFFICIENCY LOW CURRENT 0.56" FOUR DIGIT ORANGE LED DISPLAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MO456FA-H-R Datasheet(HTML) 1 Page - Micro Electronics

  MO456FA-H-R Datasheet HTML 1Page - Micro Electronics MO456FA-H-R Datasheet HTML 2Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MO456FA/C-H-R
HIGH EFFICIENCY
LOW CURRENT
0.56" FOUR DIGIT
ORANGE LED DISPLAYS
FEATURES:
Low Cost
Low Power Requirements
High Contrast
Wide Viewing Angle
Common Anode :
MO456FA-H-R
Common Cathode :
MO456FC-H-R
ABSOLUT MAXIMUM RATINGS
Power Dissipation / Segment
75mW
Peak Forward Current / Segment
100mA
(Pulse Width 1mS , Duty Ratio = 1/10)
Continuous Forward current / Segment
25mA
Revers Voltage / Segment
5V
Operation Temperature Range
-20°C TO +80℃
Storage Temperature Range
-25°C TO +85℃
Solder Temperature (1/16 Inch from body)
260℃
Maximum Soldering Time(260°C)
5 sec
ELECTRO-OPTICAL CHARACTERISTICS ( Ta = 25℃)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
Average Luminous Intensity
IV
8
14
mcd
IF= 1mA
Luminous Intensity Matching Ratio
2:1
IF= 20mA
Forward Voltage Any Segment
VF
2.0
2.5
V
IF=20mA
Reverse Current Any Segment
IR
100
μA
VR=5V
Dominant Wavelength
λ
D
620
625
630
nm
IF= 20mA
Spectral Line Half Width
Δλ
17
nm
IF= 20mA
REV : B
06/5/9
MICRO


Similar Part No. - MO456FA-H-R

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MO456A-RD MICRO-ELECTRONICS-MO456A-RD Datasheet
72Kb / 2P
0.56 FOUR DIGIT NUMERIC DISPLAYS
MO456C-RD MICRO-ELECTRONICS-MO456C-RD Datasheet
72Kb / 2P
0.56 FOUR DIGIT NUMERIC DISPLAYS
More results

Similar Description - MO456FA-H-R

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVC-5X23 UOT-UVC-5X23 Datasheet
72Kb / 5P
0.56 inch ( 14.2 mm ) FOUR-DIGIT NUMERIC LED DISPLAYS
logo
Micro Electronics
MG456A MICRO-ELECTRONICS-MG456A Datasheet
76Kb / 2P
0.56 FOUR DIGIT NUMERIC DISPLAYS
MG456FA-GD MICRO-ELECTRONICS-MG456FA-GD Datasheet
70Kb / 2P
GREEN 0.56 FOUR DIGIT NUMERIC DISPLAYS
MO456A-RD MICRO-ELECTRONICS-MO456A-RD Datasheet
72Kb / 2P
0.56 FOUR DIGIT NUMERIC DISPLAYS
MS457A MICRO-ELECTRONICS-MS457A Datasheet
83Kb / 2P
RED 0.56 FOUR DIGIT NUMERIC DISPLAYS
MU456FA-RD MICRO-ELECTRONICS-MU456FA-RD Datasheet
71Kb / 2P
SUPER RED 0.56 FOUR DIGIT NUMERIC DISPLAYS
logo
List of Unclassifed Man...
BQ-M321RD ETC-BQ-M321RD Datasheet
123Kb / 1P
FOUR DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BQ-M281RD YSTONE-BQ-M281RD Datasheet
133Kb / 1P
FOUR DIGIT LED DISPLAYS
BQ-A531RD YSTONE-BQ-A531RD Datasheet
133Kb / 1P
FOUR DIGIT LED DISPLAYS
logo
Micro Electronics
MO458A MICRO-ELECTRONICS-MO458A Datasheet
122Kb / 2P
HIGH EFFICIENCY LOW CURRENT 0.56" FOUR DIGIT ORANGE LED DISPLAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com