Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7060C Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7060C
Description  32 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7060C Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7060C Datasheet HTML 1Page - LSI Computer Systems LS7060C Datasheet HTML 2Page - LSI Computer Systems LS7060C Datasheet HTML 3Page - LSI Computer Systems LS7060C Datasheet HTML 4Page - LSI Computer Systems LS7060C Datasheet HTML 5Page - LSI Computer Systems LS7060C Datasheet HTML 6Page - LSI Computer Systems LS7060C Datasheet HTML 7Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
32 BIT BINARY UP COUNTER
WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
PIN ASSIGNMENT - TOP VIEW
SCAN
ENABLE
SCAN RESET/LOAD
TEST COUNT
B7 OUT
B6 OUT
B5 OUT
B4 OUT
V DD (+V)
ALT COUNT
B3 OUT
B2 OUT
B1 OUT
B0 OUT
RESET
CASCADE EN OUT
VSS (-V)
FIGURE 1
LS7060C
COUNT
FEATURES:
• DC to 50MHz Count Frequency
• Byte Multiplexer
• DC to 10MHz Byte Output Scan Frequency
• +4.75V to +5.25V Operation (VDD - VSS)
• Three-State Data Outputs; Bus, TTL and CMOS Compatible
• Inputs TTL and CMOS Compatible
• Unique Cascade Feature Allows Multiplexing of
Successive Bytes of Data in Sequence in Multiple
Counter Systems
• Low Power Dissipation
• LS7060C (DIP), LS7060C-S (SOIC) - See Figure 1
• LS7061C (DIP), LS7061C-S (SOIC) - See Figure 2
DESCRIPTION:
The LS7060C/LS7061C are CMOS Silicon Gate, 32 bit Up
Counters. The ICs include latches, multiplexer, byte output se-
quencer, eight three-state binary data output drivers and output
cascading logic.
DESCRIPTION OF OPERATION:
32 BIT BINARY UP COUNTER - LS7060C (LS7061C)
The 32 bit static ripple through counter increments on the neg-
ative edge of the input count pulse. Maximum ripple time is 20ns
transition count of 32 ones to 32 zeros.
Guaranteed count frequency is DC to 50MHz.
See Figure 9A (9B) for Block Diagram.
COUNT, ALT COUNT (LS7060C)
Input count pulses to the 32 bit counter may be applied through
either of these two inputs. The ALT COUNT input circuitry con-
tains a Schmitt trigger network which allows proper counting with
"infinitely" long clock edges. A high applied to either of these two
inputs inhibits counting.
COUNT (LS7061C)
Input count pulses to the 32 bit counter may be applied through
this input. This input is the most significant bit of the external data
byte.
RESET
All 32 counter bits are reset to zero when RESET is brought low
for a minimum of 20ns. RESET must be high for a minimum of
10ns before next valid count can be recorded.
TEST COUNT
Count pulses may be applied to the last 16 bits of the binary
counter through this input, as long as Bit 16 of the counter is a
low. The counter advances on the negative transition of these
pulses. This input is intended to be used for test purposes.
NOTE: LS7060C and LS7061C can directly replace LS7060 and
LS7061 in all existing applications.
January 2002
7060C/61C-012102-1
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747
(631) 271-0400 FAX (631) 271-0405
LS7060C
LS7061C
UL
®
A3800
LATCHES
32 bits of latch are provided for storage of counter data for the
LS7060C. 40 bits of latch are provided for the LS7061C of which
eight are for storage of a high speed external prescaling counter
and the remaining 32 are for the contents of the chip counter
data. All latches are loaded when the LOAD input is brought low
for a minimum of 10ns and kept low until a minimum of 20ns has
elapsed from previous negative edge of count pulse (ripple time).
Storage of valid data occurs when LOAD is brought high for a
minimum of 20ns before next negative edge of count pulse or
RESET.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
B4 OUT
B5 OUT
B0 IN
B1 IN
B2 IN
B7 OUT
B3 IN
TEST COUNT
SCAN RESET/LOAD
SCAN
ENABLE
B6 OUT
V DD (+V)
(COUNT) B7 IN
B3 OUT
B6 IN
B2 OUT
B5 IN
B1 OUT
B4 IN
B0 OUT
RESET
CASCADE ENABLE OUT
Vss (-V)
PIN ASSIGNMENT - TOP VIEW
FIGURE 2
LS7061C
ADVANCE INFORMATION


Similar Part No. - LS7060C

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7060 LSI-LS7060 Datasheet
64Kb / 7P
32 BIT/DUAL 16 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
LS7060 LSI-LS7060 Datasheet
83Kb / 6P
32 BIT/DUAL 16 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
LS7060 LSI-LS7060_03 Datasheet
83Kb / 6P
32 BIT/DUAL 16 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
More results

Similar Description - LS7060C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS569A MOTOROLA-SN54LS569A Datasheet
260Kb / 8P
FOUR-BIT UP/DOWN COUNTER WITH THREE-STATE OUTPUTS
logo
National Semiconductor ...
54F579 NSC-54F579 Datasheet
197Kb / 8P
8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
54F779 NSC-54F779 Datasheet
176Kb / 8P
8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
logo
Hitachi Semiconductor
HD74HC590 HITACHI-HD74HC590 Datasheet
66Kb / 11P
8-bit Binary Counter/Register (with 3-state outputs)
logo
LSI Computer Systems
LS7060 LSI-LS7060 Datasheet
64Kb / 7P
32 BIT/DUAL 16 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
LS7061 LSI-LS7061 Datasheet
68Kb / 7P
32 BIT/DUAL 16 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
logo
Fairchild Semiconductor
74F579 FAIRCHILD-74F579_00 Datasheet
84Kb / 8P
8-Bit Bidirectional Binary Counter with 3-STATE Outputs
logo
LSI Computer Systems
LS7060 LSI-LS7060_03 Datasheet
83Kb / 6P
32 BIT/DUAL 16 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590_15 Datasheet
143Kb / 12P
8-bit Binary Counter/Register (with 3-state outputs)
logo
Texas Instruments
74AC11590 TI1-74AC11590_09 Datasheet
144Kb / 10P
8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com