Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7317 Datasheet(PDF) 4 Page - LSI Computer Systems

Part # LS7317
Description  5-SPEED AC MOTOR CONTROLLER / 5-STEP LAMP DIMMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7317 Datasheet(HTML) 4 Page - LSI Computer Systems

  LS7317 Datasheet HTML 1Page - LSI Computer Systems LS7317 Datasheet HTML 2Page - LSI Computer Systems LS7317 Datasheet HTML 3Page - LSI Computer Systems LS7317 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NOTE: R4-C6 Snubber network and/or C7 may be required for certain motors.
7317-111605-4
C1 = 0.15µF, 200V (400V)*
R1 = 56
Ω, 1/2W
L = 100µH (200µH)*
C2 = 0.68µF, 200V (0.47µF, 400V)*
R2 = 1.5M
Ω
Z1 = 6.8V ± 5%, 1W
C3 = 0.022µF
R3 = 1k
Ω (For 5mA LEDs)
D1, D2 = 1N4148
C4 = 470pF
R4 = 1.8k
Ω, 1W (2W)*
T = Q2006L4 (Q4006L4)*, Typical
C5 = 470µF
R5 = 100
Ω
C6 = 0.47µF, 200V (400V)*
R6 = 1k
Ω
All resistors 1/4W, all capacitors 25V unless otherwise specified. *Indicates component change for 220VAC Mains.
C1 = 0.15µF, 200V (400V)*
R1 = 56
Ω, 1W
L = 100µH (200µH)*
C2 = 1.0µF, 200V (0.82µF, 400V)*
R2 = 1.5M
Ω
Z1 = 10V ± 5%, 1W
C3 = 0.022µF
R3 = 1k
Ω (For 5mA LEDs)
D1, D2 = 1N4148
C4 = 470pF
R4 = 1.8k
Ω, 1W (2W)*
T = Q2006L4 (Q4006L4)*, Typical
C5 = 220uF
R5 = 100
Ω
U1 = L79L06 Regulator (or equivalent)
All resistors 1/4W, all capacitors 25V unless otherwise specified.
*Indicates component change for 220VAC Mains.
FIGURE 4. 5-SPEED BLENDER CONTROLLER APPLICATION
FIGURE 5.
5 - INTENSITY LEVEL LIGHT DIMMER APPLICATION
P
N
L
MT2
G
MT1
C1
R2
R5
C2
Z1
C5
D1
-
C4
C3
12
SYNC
CAP
13
10
11
R3
V SS
OFF/
LS7317
V DD
TRIG/
AC
MAINS
T
D2
+
R1
LOAD
PL1/
PL2/ PL3/
PL4/ PL5/
8
1
2
3
4
5
9
U1
IN
OUT
M
P
N
L
MT2
G
MT1
C1
R1
R2
R5
C2
Z1
C5
D1
-
C4
C3
12
8
SYNC
CAP
13
10
9
7
6
5
1
11
R3
V SS
PULSE/
OFF/
PL5/
PL1/
LS7317
V DD
R4
C6
TRIG/
AC
MAINS
SEE NOTE
T
D2
R6
BOOST/
+



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com