Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPMI2458-3-RPSMA Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # MPMI2458-3-RPSMA
Description  VenU® Dual-Band MIMO Omnidirectional Antenna
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

MPMI2458-3-RPSMA Datasheet(HTML) 1 Page - PCTEL, Inc.

  MPMI2458-3-RPSMA Datasheet HTML 1Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INFRASTRUCTURE ANTENNAS
PCTEL, Inc. WEB: www.antenna.com
These VenU antennas are omnidirectional, operating at both the 2.4 GHz and the 5 GHz
bands. They are designed to support access points offering 802.11n, ac coverage. The
antennas are suitable for both indoor and outdoor installations, and include mounting
hardware for wall/mast or ceiling mount applications, depending on the model.
Features
• Omnidirectional antenna for indoor or outdoor operation
• Operates over the entire 2.4 and 5 GHz band
• MIMO enclosure - three, four, or six antennas in the same housing
• White UL94 V0 radome
• Plenum rated, outdoor capable coaxial cables
• Azimuth and elevation plane adjustable wall or mast mount
VenU® Dual-Band MIMO Omnidirectional
Antenna
VenU® MPMI2458
* Peak Gain includes 3 ft cable.
Ceiling/Wall Mount Antennas, 802.11ac MIMO
STANDARD CONFIGURATION
Model
Cable
Connector
Mount
MPMI2458-4-RPC
Four 36 in (91.4 cm) Plenum
Rated, UV-Stable RG-58/U Leads
Four Reverse Polarity TNC Male)
ANSI 7/16-28 UNEF 2B threads
1.5-inch stud mount. Universal wall and mast
mountable with included articulating mount.
All tools and hardware included. Mounts
to mast up to 1-1/2” in diameter. Ceiling
mountable to 1-inch thick ceiling tile with jam
nut. Also includes rubber washer for mounting
to smooth surfaces such as NEMA enclosures.
(All Models)
MPMI2458-6-RPSMA
Six 36 in (91.4 cm) Plenum
Rated, UV-Stable RG-58/U Leads
Six Reverse Polarity SMA (Male)
MPMI2458-3-RPSMA
Three 36 in (91.4 cm) Plenum
Rated, UV-Stable RG-58/U Leads
Three Reverse Polarity SMA
(Male)
MPMI2458-4-RPC
ELECTRICAL SPECIFICATIONS - RF ANTENNA
Model
Frequency Range
Gain*
VSWR
Azimuth Half Power
Beamwidth
Elevation Half Power
Beamwidth
MPMI2458-4-RPC
2.4-2.5 GHz / 4.9-5.9 GHz
4 dBi / 4 dBi
2.0:1
Omnidirectional
60° / 33°
MPMI2458-6-RPSMA
2.4-2.5 GHz / 4.9-5.9 GHz
5 dBi / 7 dBi
2.0:1
Omnidirectional
25° / 15°
MPMI2458-3-RPSMA
2.4-2.5 GHz / 4.9-5.9 GHz
5 dBi / 7 dBi
2.0:1
Omnidirectional
25° / 15°
MECHANICAL & ENVIRONMENTAL SPECIFICATIONS (ALL MODELS)
Dimensions
Housing Material
Ingress Protection
Temperature Range
8.6 H x 6.3 OD in (21.8 x 16.0 cm)
PC (UV-Stabilized)
IP-54
Operating: -22°F to +158°F (-30°C to +70°C),
Storage: -40°F to +185°F (-40°C to +85°C)
ELECTRICAL SPECIFICATIONS - RF ANTENNA, continued (ALL MODELS)
Average Power
Nominal Impedance
Polarization
50 watts
50 ohms
Linear, vertical
RoHS
COMPLIANT


Similar Part No. - MPMI2458-3-RPSMA

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
MPMI24580406-RPC PCTEL-MPMI24580406-RPC Datasheet
575Kb / 1P
Dual-Band, Four-Port, 802.11n MIMO Directional Antenna
More results

Similar Description - MPMI2458-3-RPSMA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA510CAG005 ETC2-MA510CAG005 Datasheet
1Mb / 23P
Heavy Duty Screw Mount Antenna MIMO Dual Band 2.4/5.0GHz
logo
Laird Tech Smart Techno...
FG16397 LSTD-FG16397 Datasheet
1Mb / 2P
Quad-band Omnidirectional Antenna
logo
Pulse A Technitrol Comp...
L120 PULSE-L120 Datasheet
404Kb / 2P
Omnidirectional Wireless LTE/MIMO Antenna
WA700 PULSE-WA700 Datasheet
404Kb / 2P
Omnidirectional Wireless LTE/MIMO Antenna
logo
World Produts Inc.
WPANT10057 WPI-WPANT10057 Datasheet
82Kb / 2P
Dual-band Wi-Fi / BT MIMO Antenna
WPANT30120 WPI-WPANT30120 Datasheet
65Kb / 2P
MIMO Antenna ??Dual-band Wi-Fi
WPANT30121 WPI-WPANT30121 Datasheet
340Kb / 6P
MIMO Panel Antenna ??Dual-band Wi-Fi
logo
TP-Link Technologies Co...
AC1350 TP-LINK-AC1350 Datasheet
1Mb / 7P
Dual Band | MU-MIMO
logo
TE Connectivity Ltd
2108802-1 TEC-2108802-1 Datasheet
2Mb / 10P
Wi-Fi 3X3 MIMO DUAL BAND ANTENNA ASSEMBLY
logo
Molex Electronics Ltd.
AS-2143941000 MOLEX-AS-2143941000 Datasheet
2Mb / 20P
MOLEX DUAL BAND WIFI MIMO ANTENNA APPLICATION SPECIFICATION
2019/12/26
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com