Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9991KCPRL Datasheet(PDF) 59 Page - Analog Devices

Part # AD9991KCPRL
Description  10-Bit CCD Signal Processor with Precision Timing ??Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9991KCPRL Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9991KCPRL Datasheet HTML 52Page - Analog Devices AD9991KCPRL Datasheet HTML 53Page - Analog Devices AD9991KCPRL Datasheet HTML 54Page - Analog Devices AD9991KCPRL Datasheet HTML 55Page - Analog Devices AD9991KCPRL Datasheet HTML 56Page - Analog Devices AD9991KCPRL Datasheet HTML 57Page - Analog Devices AD9991KCPRL Datasheet HTML 58Page - Analog Devices AD9991KCPRL Datasheet HTML 59Page - Analog Devices AD9991KCPRL Datasheet HTML 60Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 59 / 60 page
background image
AD9991
–58–
AD9991
–59–
OUTLINE DIMENSIONS
56-Lead Lead Frame Chip Scale Package [LFCSP]
8 mm  8 mm Body
(CP-56)
Dimensions shown in millimeters
PIN 1
INDICATOR
TOP
VIEW
7.75
BSC SQ
8.00
BSC SQ
1
56
14
15
43
42
28
29
BOTTOM
VIEW
6.25
6.10
5.95
0.50
0.40
0.30
0.30
0.23
0.18
0.50 BSC
12 MAX
0.20
REF
0.80 MAX
0.65 NOM
1.00
0.90
0.80
6.50
REF
SEATING
PLANE
0.60 MAX
0.60 MAX
PIN 1
INDICATOR
COPLANARITY
0.08
SQ
0.05 MAX
0.02 NOM
0.25 MIN
COMPLIANT TO JEDEC STANDARDS MO-220-VLLD-2
REV. 0
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com