Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA7.0 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # SA7.0
Description  500W, 5V - 170V Transient Voltage Suppressor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SA7.0 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  SA7.0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SA7.0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SA7.0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SA7.0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SA7.0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SA7.0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SA7.0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd SA7.0 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd SA7.0 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SA SERIES
Taiwan Semiconductor
4
Version: L2105
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
Part Number
Breakdown
voltage
VBR@IT
(V)
(1)
Test
current
IT
(mA)
Working
stand-off
voltage
VWM
(V)
Reverse
leakage
@ VWM
ID
(uA)
Maximum
peak pulse
current
IPPM
(A)
(2)
Maximum
clamping
voltage
VC@IPPM
(V)
Maximum
temperature
coefficient
VBR
IT
VWM
IR
IPPM
VC
VBR
V
mA
V
μA
A
V
mV/°C
Min
Max
SA64
71.1
86.9
1
64
1
4.6
114
86
SA64A
71.1
78.6
1
64
1
5.0
103
76
SA70
77.8
95.1
1
70
1
4.2
125
94
SA70A
77.8
86.0
1
70
1
4.6
113
85
SA75
83.3
102
1
75
1
3.9
134
101
SA75A
83.3
92.1
1
75
1
4.3
121
91
SA78
86.7
103
1
78
1
3.7
139
105
SA78A
86.7
95.8
1
78
1
4.1
126
95
SA85
94.4
115
1
85
1
3.4
151
114
SA85A
94.4
104
1
85
1
3.8
137
103
SA90
100
122
1
90
1
3.2
160
121
SA90A
100
111
1
90
1
3.5
146
110
SA100
111
136
1
100
1
2.9
179
135
SA100A
111
123
1
100
1
3.2
162
123
SA110
122
149
1
110
1
2.6
196
148
SA110A
122
135
1
110
1
2.9
177
133
SA120
133
163
1
120
1
2.4
214
162
SA120A
133
147
1
120
1
2.7
193
146
SA130
144
176
1
130
1
2.2
230
175
SA130A
144
159
1
130
1
2.5
209
158
SA150
167
204
1
150
1
1.9
268
203
SA150A
167
185
1
150
1
2.1
243
184
SA160
178
218
1
160
1
2.0
257
217
SA160A
178
197
1
160
1
2.0
259
196
SA170
189
231
1
170
1
1.7
304
230
SA170A
189
209
1
170
1
0.1
275
208
Notes:
1.
VBR measure after IT applied for 300us, IT = square wave pulse or equivalent.
2.
Surge current waveform per Fig.3 and derate per Fig.2
3.
For bipolar types having VWM of 10 volts and under, the IR limit is doubled.
4.
All terms and symbols are consistent with ANSI/IEEE C62.35.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com