Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7535 Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS7535
Description  DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7535 Datasheet(HTML) 3 Page - LSI Computer Systems

  LS7535 Datasheet HTML 1Page - LSI Computer Systems LS7535 Datasheet HTML 2Page - LSI Computer Systems LS7535 Datasheet HTML 3Page - LSI Computer Systems LS7535 Datasheet HTML 4Page - LSI Computer Systems LS7535 Datasheet HTML 5Page - LSI Computer Systems LS7535 Datasheet HTML 6Page - LSI Computer Systems LS7535 Datasheet HTML 7Page - LSI Computer Systems LS7535 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ABSOLUTE MAXIMUM RATINGS:
PARAMETER
SYMBOL
VALUE
UNIT
DC supply voltage
VSS - VDD
+20
V
Any input voltage
VIN
VSS - 20 to VSS + 0.5
V
Operating temperature
TA
0 to +80
°C
Storage temperature
TSTG
-65 to +150
°C
DC ELECTRICAL CHARACTERISTICS:
(TA = 25°C, all voltages referenced to VDD)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
Supply voltage
VSS
+12
-
+18
V
-
Supply current
ISS
-
1.2
1.7
mA
VSS = +15V,
Output off
Input Voltages:
DOZE LO
VIZL
0
-
VSS - 6
V
-
DOZE HI
VIZH
VSS - 2
-
VSS
V
-
SYNC LO
VIRL
0
-
VSS - 9.5
V
-
SYNC HI
VIRH
VSS - 5.5
-
VSS
V
-
UP, DOWN LO
VIOL
0
-
VSS - 8
V
-
UP, DOWN HI
VIOH
VSS - 2
-
VSS
V
-
Input Current:
SYNC, UP, DOWN HI
IIH
-
-
110
uA
With Series 1.5M
Ω
Resistor to
115 VAC Line
SYNC, UP, DOWN LO
IIL
-
-
100
nA
-
DOZE HI
IIH
-
-
100
nA
-
DOZE LO
IIL
-
-
100
nA
-
TRIG HI
VOH
-
VSS
-
V
-
TRIG LO
VOL
-
VSS - 8
-
V
VSS = +15V
TRIG Sink Current
IOS
50
-
-
mA
VSS = +15V,
VOL = VSS - 4V
TRANSIENT CHARACTERISTICS (See Fig. 2 and 3)
(All timings are based on fs = 60Hz, unless otherwise specified.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
SYNC frequency
fs
40
-
70
Hz
UP, DOWN duration (SHORT)
Ts1
34
-
325
ms
UP, DOWN duration (LONG)
Ts2
334
-
infinite
ms
ø ramp time, off to max
TUS
-
2.8
-
sec
(UP,SHORT)
ø ramp time, min to max
TUL
-
3.6
-
sec
(UP,LONG)
ø ramp time, max to min
TDS
-
5.6
-
sec
(DOWN,SHORT)
ø ramp time, max to min
TDL
-
3.6
-
sec
(DOWN,LONG)
TRIG pulse width
TW
-
33
-
µs
TRIG conduction angle (See Note)
ø
41
-
159
degrees
DOZE frequency
fD
0
-
500
Hz
NOTE: The phase delay caused by the typical RC network used between SYNC input and the AC line (See Fig. 5A and
Fig. 5B) reduces the effective ø values by 8°.
7535-012703-3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com