Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7541 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS7541
Description  TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7541 Datasheet(HTML) 2 Page - LSI Computer Systems

  LS7541 Datasheet HTML 1Page - LSI Computer Systems LS7541 Datasheet HTML 2Page - LSI Computer Systems LS7541 Datasheet HTML 3Page - LSI Computer Systems LS7541 Datasheet HTML 4Page - LSI Computer Systems LS7541 Datasheet HTML 5Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INPUT/OUTPUT DESCRIPTION:
CLOCK Input (Pin 1)
An external resistor connected between this input and
VDD, along with an internal capacitor and oscillator stage,
generates a clock which is used for all timing functions.
The recommended value of this resistor for 50Hz and
60Hz operation is specified in the ELECTRICAL CHAR-
ACTERISTICS. The resistor value determines the Bright-
ness Levels produced. (See Table 2)
SYNC Input (Pin 2)
50 or 60Hz AC input for zero crossing detection.
VDD (Pin 3)
Supply voltage positive terminal.
TOUCH Input (Pin 4)
Input for sensing that a touch has been made
on a lamp surface or other touch plate.
CONTROL I/O (Pin 5)
An external R-C network connected between this pin
and VDD establishes the controlling feedback for the
AGC Loop.
MODE Input (Pin 6)
A three-state input used to select the desired
Brightness Step Sequence (See Table 1).
VSS (Pin 7)
Supply voltage negative terminal.
TRIG (Pin 8)
The TRIG output produces a negative going pulse eve-
ry half-cycle of the SYNC input to trigger the triac. The
delay, Td, of the pulse with respect to the SYNC signal
determines the Brightness Level produced.
(See Table 2 & Figure 2)
SYNC (Pin 2)
FIGURE 2. OUTPUT DELAY (Td)
Td
Td
TRIG(Pin 8)
ABSOLUTE MAXIMUM RATINGS:
PARAMETER
SYMBOL
VALUE
UNIT
DC supply voltage
VDD - VSS
+7
V
Any input voltage
VIN
VSS - 0.5 to VDD + 0.5
V
Operating temperature
TA
-20 to +85
°C
Storage temperature
TSTG
-65 to +150
°C
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which may
result from its use.
7541-072805-2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com