Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP2458-DP3X3-RPSMA Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # FP2458-DP3X3-RPSMA
Description  VenU® Directional MIMO Panel Antennas
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

FP2458-DP3X3-RPSMA Datasheet(HTML) 1 Page - PCTEL, Inc.

  FP2458-DP3X3-RPSMA Datasheet HTML 1Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INFRASTRUCTURE ANTENNAS
PCTEL, Inc. WEB: www.antenna.com
The VenU dual-band MIMO antenna provides spatial and polarization diversity
coverage of 2.4-2.5 GHz and 5.1-5.9 GHz broadband wireless Wi-Fi frequencies in
an attractive, low-pro le housing. The platform was designed to provide optimal
coverage for areas or events with a large number of mobile data users. It was designed
for outdoor or in-building installations utilizing 802.11n multi-band wireless LAN
access point radios.
Features
• Coverage of 2.4-2.5 GHz and 5.1-5.9 GHz frequencies
• Six-port MIMO design (three ports for each frequency band)
• Beamwidth and gain characteristics designed for optimal coverage
• Integral high performance, low loss Plenum rated cable jumpers
• Fully adjustable mount for pipe or wall mounting
• UL 94 HB listed materials
VenU® Directional MIMO Panel Antennas
VenU® FP2458-DP3X3 Series
Wi-Fi Panel Antennas - 802.11n MIMO
ELECTRICAL SPECIFICATIONS - RF ANTENNA (ALL MODELS)
Frequency Range
Gain
VSWR
Azimuth Half Power
Beamwidth
Elevation Half Power
Beamwidth
2.4-2.5 GHz / 5.1-5.9 GHz
12.5 dBi / 11.5 dBi
1.7:1 typical, 2.0:1 maximum
27° / 30°
48° / 40°
ELECTRICAL SPECIFICATIONS - RF ANTENNA, continued (ALL MODELS)
Front to Back
Ratio
Average Power
Nominal
Impedance
Polarization
Port-to-Port Isolation
≥ 20
25 watts
50 ohms
Dual Linear (2 x V / 1 x H) for each band
32 dB / 37 dB
STANDARD CONFIGURATION
Model
Connector
Mount
FP2458-DP3X3-RPC
Reverse Polarity TNC plug
FPM-1001 is included. Suitable for pipe or wall installation.
FP2458-DP3X3-RPSMA
Reverse Polarity SMA plug
FP2458-DP3X3-NM
N Male
FP2458-DP3X3-RPNM
Reverse Polarity N Male
FP2458-DP3X3-RPC
MECHANICAL & ENVIRONMENTAL SPECIFICATIONS
Dimensions
Weight
Housing Material
Temperature Range
Rated Wind
14.5 L x 14.5 H x 1.57 D in (36.8 x 36.8 x 4 cm)
3.5 lbs (1.6 kg)
UL 94 HB ASA radome
-40°C to +85°C
125 mph
FPM-1001 Mount
RoHS
COMPLIANT


Similar Part No. - FP2458-DP3X3-RPSMA

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
FP24-100 TRIAD-FP24-100 Datasheet
44Kb / 1P
FP24-100
FP24-1000 TRIAD-FP24-1000 Datasheet
53Kb / 1P
Power Transformer PC Mount: Flat Pack
FP24-100 TRIAD-FP24-100_13 Datasheet
53Kb / 1P
Power Transformer PC Mount: Flat Pack
FP24-2000 TRIAD-FP24-2000 Datasheet
97Kb / 1P
Power Transformer PC Mount: Flat Pack
FP24-250 TRIAD-FP24-250 Datasheet
43Kb / 1P
FP24-250
More results

Similar Description - FP2458-DP3X3-RPSMA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAWOD24 ETC1-PAWOD24 Datasheet
328Kb / 2P
Vertically Polarized Omni Directional Antennas
WB01 ETC2-WB01 Datasheet
1Mb / 18P
8dBi Wideband LTE MIMO Panel Antenna
logo
Laird Tech Smart Techno...
Y8063 LSTD-Y8063 Datasheet
969Kb / 1P
DIRECTIONAL YAGI ANTENNAS
S57212AMP-51512 LSTD-S57212AMP-51512 Datasheet
551Kb / 1P
CAMPUS AND IN-BUILDING DIRECTIONAL ANTENNAS
Y89612 LSTD-Y89612 Datasheet
1Mb / 1P
DIRECTIONAL YAGI ANTENNAS
YS2203 LSTD-YS2203 Datasheet
494Kb / 1P
DIRECTIONAL YAGI ANTENNAS
Y4506 LSTD-Y4506 Datasheet
896Kb / 1P
DIRECTIONAL YAGI ANTENNAS
Y8966 LSTD-Y8966 Datasheet
575Kb / 1P
DIRECTIONAL YAGI ANTENNAS
YF88008 LSTD-YF88008 Datasheet
749Kb / 2P
DIRECTIONAL YAGI ANTENNAS
logo
Linx Technologies
ANT-433-SPS1-1 LINX-ANT-433-SPS1-1 Datasheet
971Kb / 8P
Panel Mount 433 MHz Antennas
2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com