Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2370PCBA-410 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2370PCBA-410
Description  3V LOW NOISE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2370PCBA-410 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2370PCBA-410 Datasheet HTML 1Page - RF Micro Devices RF2370PCBA-410 Datasheet HTML 2Page - RF Micro Devices RF2370PCBA-410 Datasheet HTML 3Page - RF Micro Devices RF2370PCBA-410 Datasheet HTML 4Page - RF Micro Devices RF2370PCBA-410 Datasheet HTML 5Page - RF Micro Devices RF2370PCBA-410 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1-4
RF2370
Rev A4 050727
Evaluation Board Schematic
C1
DNI
C2
100 pF
R1
1.8 k
Ω
VREF
L1
3.3 nH
C4
DNI
C5
100 pF
C7
2.0 pF
C3
DNI
Select
Logic
Control
2
3
4
1
6
5
J1
RF IN
L2
1.2 nH
C6
10 nF
R3
0
Ω
VCC
J2
RF OUT
R2
100
Ω
1
2
3
4
P1
P1-4
VCC
P1-3
SELECT
GND
P1-1
VREF
HDR_1X4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com