Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBA0820CS Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SBA0820CS
Description  EXTREME LOW VF SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SBA0820CS Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SBA0820CS Datasheet HTML 1Page - Pan Jit International Inc. SBA0820CS Datasheet HTML 2Page - Pan Jit International Inc. SBA0820CS Datasheet HTML 3Page - Pan Jit International Inc. SBA0820CS Datasheet HTML 4Page - Pan Jit International Inc. SBA0820CS Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PSBA0820CS / SBA0830CS / SBA0840CS
June 21,2018-REV.00
Page 1
EXTREME LOW VF SCHOTTKY RECTIFIER
Voltage
20-40 V
Current
0.8 A
SOD-323
Features
 Ultra low forward voltage, low power loss
 Fast switching speed
 Surface mount package
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard
Applications
 Low voltage rectification
 Reverse polarity protection
 Low power consumption applications
Mechanical Data
 Case: Molded plastic, SOD-323
 Terminals: Solderable per MIL-STD-750, Method 2026
 Approx. Weight: 0.00014 ounces, 0.0041 grams
Note : 1. Mounted on a FR4 PCB, single-sided copper, mini pad.
2. Mounted on a FR4 PCB, single-sided copper, with 100cm² copper pad area.
3. Short duration pulse test used to minimize self-heating effect.
Maximum Ratings (TA = 25
o
C unless otherwise noted)
PARAMETER
SYMBOL
SBA0820CS
SBA0830CS
SBA0840CS
UNIT
Maximum repetitive peak reverse voltage
VRRM
20
30
40
V
Maximum rms voltage
VRMS
14
21
28
V
Maximum dc blocking voltage
VR
20
30
40
V
Maximum average forward rectified current
IF(AV)
0.8
A
Peak forward surge current: 8.3ms single half sine-
wave Superimposed on rated load
IFSM
2
A
Typical thermal resistance
RθJC
(2)
RθJA
(1)
230
650
oC/W
Operating junction temperature range
TJ
-55 to +150
oC
Storage temperature range
TSTG
-55 to +150
oC
Electrical Characteristics
PARAMETER
SYMBOL
TEST CONDITION
SBA0820CS
SBA0830CS
SBA0840CS
UNIT
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
Forward voltage
VF
IF = 10mA
IF = 100mA
IF = 800mA
TJ =25
oC
0.24
0.32
-
-
-
0.55
0.25
0.33
-
-
-
0.6
0.26
0.35
-
-
-
0.7
V
IF = 10mA
IF = 100mA
TJ =125
oC
0.13
0.23
-
-
0.13
0.24
-
-
0.15
0.29
-
-
V
Reverse current
IR
(3)
VR = 10V
VR = 20V
VR = 30V
VR = 40V
TJ=25
oC
4.6
-
-
-
-
100
-
-
4
9
-
-
-
-
100
-
1.3
1.9
3.1
-
-
-
-
50
A
VR = 20V
VR = 30V
VR = 40V
TJ =125
oC
1.7
-
-
-
-
-
1.4
3.5
-
-
-
-
0.5
0.8
1.3
-
-
-
mA


Similar Part No. - SBA0820CS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SBA0820CS-AU PANJIT-SBA0820CS-AU Datasheet
201Kb / 5P
EXTREME LOW VF SCHOTTKY RECTIFIER
June 21,2018-REV.00
SBA0820CS-AU_R1_000A1 PANJIT-SBA0820CS-AU_R1_000A1 Datasheet
201Kb / 5P
EXTREME LOW VF SCHOTTKY RECTIFIER
June 21,2018-REV.00
More results

Similar Description - SBA0820CS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SR25UF-AU PANJIT-SR25UF-AU Datasheet
129Kb / 5P
EXTREME LOW VF SCHOTTKY RECTIFIER
SBA320AL PANJIT-SBA320AL Datasheet
289Kb / 5P
EXTREME LOW VF SCHOTTKY RECTIFIER
SBT3100XSS PANJIT-SBT3100XSS Datasheet
188Kb / 4P
EXTREME LOW VF SCHOTTKY RECTIFIER
SBA320AF PANJIT-SBA320AF_16 Datasheet
298Kb / 5P
EXTREME LOW VF SCHOTTKY RECTIFIER
SBA320AH PANJIT-SBA320AH Datasheet
292Kb / 5P
EXTREME LOW VF SCHOTTKY RECTIFIER
SBA320AL PANJIT-SBA320AL_16 Datasheet
293Kb / 5P
EXTREME LOW VF SCHOTTKY RECTIFIER
SBA0820AS PANJIT-SBA0820AS Datasheet
204Kb / 5P
EXTREME LOW VF SCHOTTKY RECTIFIER
SBA0520Q-AU PANJIT-SBA0520Q-AU Datasheet
167Kb / 5P
EXTREME LOW VF SCHOTTKY RECTIFIER
SBA0520CA PANJIT-SBA0520CA Datasheet
229Kb / 5P
EXTREME LOW VF SCHOTTKY RECTIFIER
SBA320AH-AU PANJIT-SBA320AH-AU Datasheet
186Kb / 5P
EXTREME LOW VF SCHOTTKY RECTIFIER
February 6,2018-REV.00
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com