Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRSK Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRSK
Description  Miniature Aluminum Electrolytic Ca pac i tors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSK Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRSK Datasheet HTML 1Page - NIC-Components Corp. NRSK Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
110
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
111
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Size (D
∅ x L)
Tape and Box*
NRSK 102 M 16V 10x16
Series
TB
Capacitance Code
Tolerance Code
Rated Voltage
RoHS Compliant
F
PART NUMBERING SYSTEM
MAXIMUM ESR (
Ω AT 100KHz/20°C)
MAXIMUM RIPPLE CURRENT (mA AT 100KHz/105°C)
NRSK Series
Miniature Aluminum Electrolytic Capacitors
ULTRA LOW IMPEDANCE AT HIGH FREQUENCY, RADIAL LEADS,
POLARIZED ALUMINUM ELECTROLYTIC CAPACITORS
• VERY LOW IMPEDANCE
• LONG LIFE AT 105°C (Up to 4000 Hrs.)
• HIGH STABILITY AT LOW TEMPERATURE
• IDEALLY SUITED FOR USE IN SWITCHING POWER SUPPLIES &
..CONVERTORS
FEATURES
CHARACTERISTICS
Rated Voltage Range
6.3 ~ 16
Rated Capacitance Range
470 ~ 3,300
µF
Operating Temp. Range
-40°C ~ +105°C
Capacitance Tolerance
± 20% (M)
Max. Leakage Current
After 2 Minutes @ 20°C
0.03CV
Surge Voltage Ratings
and Maximum Tan
δ
(add 0.02 for every 1,000
µF
for values above 1,000
µF)
W.V.
6.3
10
16
S.V.
8
13
20
Tan
δ @ 20°C/120Hz
0.22
0.19
0.16
Low Temperature Stability
(Impedance Ratio @ 120Hz)
Z -25°C/Z +20°C
2
2
2
Z -40°C/Z +20°C
3
3
3
Load Life Test @ Rated W.V. & 105°C
2,000 hours for 8x11.5, 8x16,
10x12.5 and 10x16
3,000 hours for 8x20
4,000 hours for 10x20, 10x23
Capacitance Change
Within ± 25% of initial measured value
Tan
δ
Less than 200% of the specified maximum value
Leakage Current
Less than specified maximum value
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
*see tape specification for details
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
Cap
(
µF)
Code
Working Voltage (Vdc)
6.3
10
16
470
471
-
-
0.036
680
681
-
0.036
0.028
0.026
820
821
0.036
-
-
1000
102
0.030
0.028
0.019
0.026
0.019
1200
122
0.028
-
-
1500
152
0.019
0.019
0.013
0.026
0.019
1800
182
0.019
0.013
0.012
2200
222
0.013
0.012
-
3300
332
0.012
-
-
Cap
(
µF)
Code
Working Voltage (Vdc)
6.3
10
16
470
471
-
-
1140
680
681
-
1140
1490
1540
820
821
1140
-
-
1000
102
1140
1490
1870
1540
2000
1200
122
1490
-
-
1500
152
1870
1870
2550
1540
1870
1800
182
2000
2550
2800
2200
222
2550
2800
-
3300
332
2800
-
-


Similar Part No. - NRSK

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSK102M10V10X125F NIC-NRSK102M10V10X125F Datasheet
627Kb / 5P
Miniature Aluminum Electrolytic Cap ac i tors
NRSK102M10V8X16F NIC-NRSK102M10V8X16F Datasheet
627Kb / 5P
Miniature Aluminum Electrolytic Cap ac i tors
NRSK102M16V10X16F NIC-NRSK102M16V10X16F Datasheet
627Kb / 5P
Miniature Aluminum Electrolytic Cap ac i tors
NRSK102M16V8X20F NIC-NRSK102M16V8X20F Datasheet
627Kb / 5P
Miniature Aluminum Electrolytic Cap ac i tors
NRSK102M25V10X23F NIC-NRSK102M25V10X23F Datasheet
627Kb / 5P
Miniature Aluminum Electrolytic Cap ac i tors
More results

Similar Description - NRSK

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSG NIC-NRSG Datasheet
240Kb / 3P
Miniature Aluminum Electrolytic Ca pac i tors
NRSJ NIC-NRSJ Datasheet
171Kb / 2P
Miniature Aluminum Electrolytic Ca pac i tors
NRSX NIC-NRSX Datasheet
349Kb / 6P
Miniature Aluminum Electrolytic Ca pac i tors
NRSZC NIC-NRSZC Datasheet
52Kb / 4P
Miniature Aluminum Electrolytic Ca pac i tors
NRSK NIC-NRSK_14 Datasheet
627Kb / 5P
Miniature Aluminum Electrolytic Cap ac i tors
NRSX NIC-NRSX_14 Datasheet
589Kb / 9P
Miniature Aluminum Electrolytic Ca pac i tors
NRSZC NIC-NRSZC_14 Datasheet
147Kb / 4P
Miniature Aluminum Electrolytic Ca pac i tors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com