Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54SW Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # BAT54SW
Description  SURFACE MOUNT SCHOTTKY BARRIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAT54SW Datasheet(HTML) 3 Page - Pan Jit International Inc.

  BAT54SW Datasheet HTML 1Page - Pan Jit International Inc. BAT54SW Datasheet HTML 2Page - Pan Jit International Inc. BAT54SW Datasheet HTML 3Page - Pan Jit International Inc. BAT54SW Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 3
September 21,2016-REV.10
BAT54W SERIES
PART NO PACKING CODE VERSION
Part No Packing Code
Package Type
Packing Type
Marking
Version
BAT54W_R1_00001
SOT-323
3K pcs / 7" reel
L4
Halogen free
BAT54W_R2_00001
SOT-323
12K pcs / 13" reel
L4
Halogen free
BAT54AW_R1_00001
SOT-323
3K pcs / 7" reel
L42
Halogen free
BAT54AW_R2_00001
SOT-323
12K pcs / 13" reel
L42
Halogen free
BAT54CW_R1_00001
SOT-323
3K pcs / 7" reel
L43
Halogen free
BAT54CW_R2_00001
SOT-323
12K pcs / 13" reel
L43
Halogen free
BAT54SW_R1_00001
SOT-323
3K pcs / 7" reel
L44
Halogen free
BAT54SW_R2_00001
SOT-323
12K pcs / 13" reel
L44
Halogen free
MOUNTING PAD LAYOUT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com