Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4GC6772 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4GC6772
Description  77 GHz GaAs Multi-Throw PIN Diode Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4GC6772 Datasheet(HTML) 2 Page - Tyco Electronics

  MA4GC6772 Datasheet HTML 1Page - Tyco Electronics MA4GC6772 Datasheet HTML 2Page - Tyco Electronics MA4GC6772 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
77 GHz GaAs Multi-Throw PIN Diode Switch
MA4GC6772
V 4.00
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
2
Reference Millimeter Wave Data @ F = 77 GHz, TA = + 25 °C
Parameter
Value
Operating Temperature
-25 °C to +85 °C
Storage Temperature
-65 °C to +150 °C
D.C. Bias Current
+15 mA per Diode
D. C. Reverse Voltage
-15 Volts @ -10
µA
RF C.W. Incident Power
+ 23 dBm C.W.
Mounting Temperature
+300 °C for 10 seconds
Absolute Maximum Ratings
1
1. Exceeding any of these values may result in permanent
damage
MA4GC6772
Parameters
Conditions
Bias Condition
Comments
-5 V
+10 mA
Insertion Loss
J4 to (J1-J3)
J5 to (J1-J3)
J5 to J6
3.8 dB
4.0 dB
2.0 dB
B1, B2, B3, B4
B1, B2, B3, B5
B1, B2, B3, B4
B5
B4
B5
• Receive State
• Transmit State
• Source to LO Loss
Isolation
J4 to (J1-J3)
J5 to (J1-J3)
J1, J2, J3
J5 to J4
24 dB
30 dB
24 dB
35 dB
B1, B2, B3, B5
B1, B2, B3, B4
-
B1, B2, B3, B4
B4
B5
-
B5
• Transmit State
• Receive State
• At any Switch State
• Receive State
VSWR
All Ports
1.5:1
Same as Loss
Same as Loss
• Low Loss Condition only (Reflective in
Isolation Mode)
Switching Speed
10% - 90%
RF Voltage
2 nS
0 to 5 V TTL
0 to 5 V TTL
• Switching Speed is Driver Dependent
Avg.
Electrical Specifications, TA = + 25 °C
Parameters
Units
Minimum
Specification
Typical
Specification
Bias Conditions
Forward Voltage, +Vf
V
1.15
1.25
1.40
+10 mA per Diode
Leakage Current, -Ir
nA
-200
-20
-15 V per Diode
DC Slope Resistance
Ω
4.8
6.4
+10 mA & 11 mA per Diode
Maximum
Specification



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com