Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS324AP Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AS324AP
Description  LOW POWER QUAD OPERATIONAL AMPLIFIERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS324AP Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AS324AP Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS324AP Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS324AP Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS324AP Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS324AP Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS324AP Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AS324AP Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AS324AP Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AS324AP Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LOW POWER QUAD OPERATIONAL AMPLIFIERS
AS324/324A
Data Sheet
10
Apr. 2007 Rev. 1.6
BCD Semiconductor Manufacturing Limited
Mechanical Dimension
DIP-14
Unit: mm(inch)
4°
0.254(0.010)
5°
10°
10°
4°
18.800(0.740)
19.200(0.756)
0.360(0.014)
0.560(0.022)
2.540(0.100)TYP
R1.000(0.039)
0.130(0.005)MIN
7.620(0.300)TYP
0.700(0.028)
Φ3.000(0.118)
Depth
0.100(0.004)
0.200(0.008)
8.200(0.323)
9.400(0.370)
0.204(0.008)
0.360(0.014)
1.600(0.063)
1.800(0.071)
1.600(0.063)
1.800(0.071)
1.524(0.060) TYP
3.000(0.118)
3.600(0.142)
0.510(0.020)MIN
6.200(0.244)
6.600(0.260)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com