Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SPS402 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4SPS402
Description  SURMOUNT PIN Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4SPS402 Datasheet(HTML) 2 Page - Tyco Electronics

  MA4SPS402 Datasheet HTML 1Page - Tyco Electronics MA4SPS402 Datasheet HTML 2Page - Tyco Electronics MA4SPS402 Datasheet HTML 3Page - Tyco Electronics MA4SPS402 Datasheet HTML 4Page - Tyco Electronics MA4SPS402 Datasheet HTML 5Page - Tyco Electronics MA4SPS402 Datasheet HTML 6Page - Tyco Electronics MA4SPS402 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SURMOUNTTM
PIN Diode
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
2
V2
MA4SPS402
Absolute Maximum Ratings
1
@ TA = +25 °C (unless otherwise
specified)
1. Operation of this device above any one of these parameters
may cause permanent damage.
Parameter
Absolute Maximum
Reverse Voltage
l -100 V l
Forward Current
250 mA
Operating Temperature
-55 °C to +125 °C
Storage Temperature
-55 °C to +150 °C
Dissipated Power (RF & DC)
1000 m W
Mounting Temperature
+235 °C for 10 seconds
Junction Temperature
+175 °C
Notes
1. Total capacitance, CT, is equivalent to the sum of Junction Capacitance ,Cj, and Parasitic Capacitance, Cpar.
2. Series resistance RS is equivalent to the total diode resistance : Rs = Rj ( Junction Resistance) + Rc ( Ohmic Resistance)
3. Rs and CT are measured on an HP4291A Impedance Analyzer with die mounted in an ODS-186 package with conductive
silver epoxy.
4. Steady-state RθJL measured with die mounted in an ODS-186 package with conductive silver epoxy.
Electrical Specifications @ + 25 °C
Symbol
Test Conditions
Units
Min.
Typ.
Max.
CT
-40 V, 1 MHz
1
pF
0.055
0.06
CT
-40 V, 1 GHz
1,3
pF
0.045
RS
10 mA, 1 GHz
2,3
Ω
5.0
5.8
VF
1.0 mA
V
0.90
1.00
VR
-10
µA
V
l -70 l
l –100 l
IR
-70 V
µA
l -0.1 l
l -10 l
RθJL
IH=1A, IL=10 mA
4
°C/W
150
TL
+10 mA / -6 mA
( 50% - 90% V )
ns
200
400



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com