Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4PK2001 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4PK2001
Description  2000 Volt and 3000 Volt PIN Diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4PK2001 Datasheet(HTML) 2 Page - Tyco Electronics

  MA4PK2001 Datasheet HTML 1Page - Tyco Electronics MA4PK2001 Datasheet HTML 2Page - Tyco Electronics MA4PK2001 Datasheet HTML 3Page - Tyco Electronics MA4PK2001 Datasheet HTML 4Page - Tyco Electronics MA4PK2001 Datasheet HTML 5Page - Tyco Electronics MA4PK2001 Datasheet HTML 6Page - Tyco Electronics MA4PK2001 Datasheet HTML 7Page - Tyco Electronics MA4PK2001 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RoHS Compliant
2000 Volt and 3000 Volt
PIN Diodes
MA4PK2000, 3000
KILOVOLT™ Series
V. 6
M/A-COM
Inc. and its affiliates reserve the right to make changes to
the products or information contained herein without notice. M/A-COM
makes no warranty, representation or guarantee regarding the suitabil-
ity of its products for any particular purpose, nor does M/A-COM as-
sume any liability whatsoever arising out of the use or application of
any products or information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit : www.macom.com for additional data sheets and product information.
ABSOLUTE MAXIMUM RATINGS
MAXIMUM POWER DISSIPATION @ TCASE = 25°C
Operating and Storage Temp.
-65°C to +175°C
MA4PK2001
MA4PK2002
50 Watts
Installation Temperature
250°C/30 Seconds
MA4PK2003,
MA4PK2004
37.5 Watts
Instantaneous Reverse Voltage
Voltage Rating
MA4PK3001
MA4PK3002
75 Watts
Forward Current (RF and DC)
25 Amperes
MA4PK3003
MA4PK3004
50 Watts
ELECTRICAL SPECIFICATIONS @ TA = 25°C
PARAMETER
CONDITION
MA4PK2000 Series MA4PK3000 Series
Reverse Voltage (Max)
VR
10 µA
2000 Volts
3000 Volts
Series Resistance (Max)
RS
F = 4 MHz, I = 0.5 A
0.20 Ω
0.25 Ω
Series Resistance (Typ.)
RS
F = 1.0 -100 MHz, I = 0.5 A
0.10 Ω
0.15 Ω
Total Capacitance (Max)
CT
F = 1 MHz, V = 100 V
3.2 pF
4.0 pF
Parallel Resistance (Typ.)
RP
F =100 MHz, V = 0 V
5K Ω
10K Ω
Carrier Lifetime (Min)
TL
IF = 10 mA
10 µs
20 µs
Forward Voltage (Max)
VF
IF = 1 A
1.2 V
1.2 V
Thermal Resistance (Max)
Ø
3°C/W (Stud)
4°C/W (Ins Stud)
2°C/W (Stud)
3°C/W (Ins Stud)
I-Region Width (Nom)
200 µM
325 µM
Specifications Subject to Change Without Notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com