Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SPS552 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4SPS552
Description  Surface Mount Monolithic PIN Diode Chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4SPS552 Datasheet(HTML) 2 Page - Tyco Electronics

  MA4SPS552 Datasheet HTML 1Page - Tyco Electronics MA4SPS552 Datasheet HTML 2Page - Tyco Electronics MA4SPS552 Datasheet HTML 3Page - Tyco Electronics MA4SPS552 Datasheet HTML 4Page - Tyco Electronics MA4SPS552 Datasheet HTML 5Page - Tyco Electronics MA4SPS552 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Surface Mount PIN Diode Chip
MA4SPS552 SurMount
TM Series
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1908) 574 200, Fax+44 (1908) 574 300
2
V 1.00
Electrical Specifications: @ +25 °C
Symbol
Conditions
Units
Min.
Typ.
Max.
CT
-40 V, 1 MHz
pF
0.08
0.14
CT
-40 V, 1 GHz
pF
0.06
RS
100 mA, 100 MHz
Ω
1.7
RS
20 mA, 100 MHz
Ω
2.4
VF
100 mA
V
1.00
1.25
VF
10 mA
V
0.86
1.00
VR
-10
µA
V
l -200 l
l -275 l
IR
-40 V
nA
l -10 l
RθJL
Steady State
°C/W
30
TL
(50% - 90% V)
+10 mA / -6 mA
µs
2.5
Parameter
Total
Capacitance
Total
Capacitance
Series
Resistance
Series
Resistance
Forward Voltage
Forward Voltage
Reverse Voltage
Reverse Leakage
Current
Thermal
Resistance
Minority Carrier
Lifetime
Handling Procedures
All semiconductor chips should be handled with care to avoid
damage or contamination from perspiration and skin oils.
The use of plastic tipped tweezers or vacuum pickups is
strongly recommended for individual components.
Bulk
handling should insure that abrasion and mechanical shock
are minimized.
Bonding Techniques
Attachment to a circuit board is made simple through the use
of
surface
mount
technology.
Mounting
pads
are
conveniently located on the bottom surface of these diodes
and are removed from the active junction locations. These
devices are well suited for solder attachment onto hard and
soft substrates.
The use of 80/20 Au/Sn and 60/40 Sn/Pb
solder is recommended, with an equal temperature profile
across the contacts. Conductive epoxy paste for attachment
may also be used.
When soldering these devices to a hard substrate, hot gas
die bonding is preferred.
We recommend utilizing a
vacuum tip and a force of 60 to 100 grams applied
normal to the top surface of the device. When soldering
to soft substrates, it is recommended to use a lead-tin
interface at the circuit board mounting pads. Position
the die so that its mounting pads are aligned with the
circuit board’s mounting pads and reflow the solder by
heating the circuit trace near the mounting pad while
applying 60 to 100 grams of force perpendicular to the
top surface of the die.
Since the HMIC™ glass is transparent, the edges of the
mounting pads closest to each other can be visually
inspected through the die after attach is completed.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com