Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4ST080 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA4ST080
Description  Surface Mount Hyperabrupt Wide-Band Tuning Varactors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4ST080 Datasheet(HTML) 1 Page - Tyco Electronics

  MA4ST080 Datasheet HTML 1Page - Tyco Electronics MA4ST080 Datasheet HTML 2Page - Tyco Electronics MA4ST080 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Also Offering
RoHs Compliant
Equivalent Parts
Surface Mount Hyperabrupt
Wide-Band Tuning Varactors
MA4ST079 thru
MA4ST083 Series V4
1
Features
•
Low Cost
•
Very High Capacitance Ratio from 1 to 8 Volts
•
Surface Mount Package
•
High Quality Factor
•
Useful for Battery Applications
•
SPC Monitored Ion Implantation for Excellent
C-V Repeatability
•
Singles and Common Cathode Pairs
•
Available in Tape and Reel
•
Lead-Free (RoHs Compliant) equivalents avail-
able with 260°C reflow compatibility
Description
The MA4ST079 through MA4ST083 series of silicon
hyperabrupt junction tuning varactors is produced with ion
implantation and advanced epitaxial growth techniques.
These diodes have thermal oxide passivation, and feature
very high capacitance ratio and quality factor. They are
well suited for use from the sub-HF through UHF fre-
quency range. The standard capacitance tolerance is
±10%, with tighter tolerances available. Capacitance
matching at one or more bias voltages is also avail-
able.These diodes are offered with standard Sn/Pb plat-
ing , as well as 100% matte Sn plating on our RoHs com-
pliant equivalent devices.
Applications
The MA4ST079 through MA4ST083 series of hyperabrupt
junction tuning varactors is suggested for usage where a
large frequency change is required with only a small
change in tuning voltage. This series is appropriate for
usage in wide band voltagecontrolled oscillators and volt-
age controlled filters which require the largest rate of
change of capacitance with voltage. The large change in
capacitance from 1 to 8 volts makes them very attractive
for battery operated or other systems with limited available
Absolute Maximum Ratings @ TA=+25 °C
(Unless Otherwise Noted)
1
1. Operation of this device above any one of these parameters
may cause permanent damage.
Parameter
Absolute Maximum
Reverse Voltage
12 V
Forward Current
50 mA
Operating Temperature
-65 °C to +125 °C
Storage Temperature
-65 °C to +125 °C
Power Dissipation
50mW @25°C
Part Number
RoHs Compliant Part Number
1
MA4ST079
MAVR-000079-XXXXXX
MA4ST080
MAVR-000080-XXXXXX
MA4ST081
MAVR-000081-XXXXXX
MA4ST082
MAVR-000082-XXXXXX
MA4ST083
MAVR-000083-XXXXXX
1Suffix refers to package style , configuration and packaging require-
ments. Contact representative for complete part number information.
SOT-23
Configurations


Similar Part No. - MA4ST080

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4ST080 MACOM-MA4ST080 Datasheet
86Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
logo
M/A-COM Technology Solu...
MA4ST080 MA-COM-MA4ST080 Datasheet
98Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
More results

Similar Description - MA4ST080

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1232 ALPHA-SMV1232 Datasheet
42Kb / 4P
Hyperabrupt Tuning Varactors
SMV1247 ALPHA-SMV1247 Datasheet
502Kb / 4P
Hyperabrupt Tuning Varactors
logo
Tyco Electronics
MA4ST079 MACOM-MA4ST079 Datasheet
86Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1231 SKYWORKS-SMV1231 Datasheet
179Kb / 7P
Hyperabrupt Tuning Varactors
SMV1247 SKYWORKS-SMV1247 Datasheet
82Kb / 6P
Hyperabrupt Tuning Varactors
logo
M/A-COM Technology Solu...
MA4ST079 MA-COM-MA4ST079 Datasheet
98Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MA4ST079-083 MA-COM-MA4ST079-083 Datasheet
98Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MA4ST079-083 MA-COM-MA4ST079-083_15 Datasheet
98Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MAVR-0000XX MA-COM-MAVR-0000XX Datasheet
644Kb / 4P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com