Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4ST082 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4ST082
Description  Surface Mount Hyperabrupt Wide-Band Tuning Varactors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4ST082 Datasheet(HTML) 2 Page - Tyco Electronics

  MA4ST082 Datasheet HTML 1Page - Tyco Electronics MA4ST082 Datasheet HTML 2Page - Tyco Electronics MA4ST082 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Also Offering
RoHs Compliant
Equivalent Parts
Surface Mount Hyperabrupt
Wide-Band Tuning Varactors
MA4ST079 thru
MA4ST083 Series V4
2
Electrical Specifications @ TA = +25 °C
Breakdown Voltage @ IR = 10µA, Vb = 12 V Minimum
Reverse Leakage Current @ VR =10V, IR = 100 nA Maximum
Temperature Coefficient of Capacitance @VR=8 Volts, TCC=400ppm/°C Typical
1 The prefix defines package style, configuration and packaging information. Contact representative for complete part identification.
2 Capacitance @ 1 MHz
Part Number
Base
RoHs Compliant
Part Number Base
1
Ct
(pF)
2
Typical
Capacitance
Ratio
Typical
Q
VR = 1.0V
f=1MHz
VR = 2.5V
f=1MHz
VR = 4.0V
f=1MHz
VR = 8.0V
f=1MHz
Vr=1V/Vr=8V
f=1MHz
Vr=4V
F=50MHz
Min.
Min
Max
Max
Max
Typ.
Typ.
MA4ST079
MAVR-000079-XXXXXX
87.4
48.7
59.5
27.3
11.8
9.1
80
MA4ST080
MAVR-000080-XXXXXX
40.0
22.3
27.3
13.1
5.5
8.9
150
MA4ST081
MAVR-000081-XXXXXX
16.2
9.1
11.1
5.2
2.4
8.5
300
MA4ST082
MAVR-000082-XXXXXX
11.5
6.6
8.0
3.8
1.8
8.2
350
MA4ST083
MAVR-000083-XXXXXX
7.9
4.5
5.5
2.6
1.3
7.8
450
Typical Performance Curves
Note : Performance curves also reflect that of the RoHs equivalent part



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com