Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4ST1200 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4ST1200
Description  Low Tuning Voltage/Low Rs Silicon Hyperabrupt Varactor Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4ST1200 Datasheet(HTML) 2 Page - Tyco Electronics

  MA4ST1200 Datasheet HTML 1Page - Tyco Electronics MA4ST1200 Datasheet HTML 2Page - Tyco Electronics MA4ST1200 Datasheet HTML 3Page - Tyco Electronics MA4ST1200 Datasheet HTML 4Page - Tyco Electronics MA4ST1200 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Also Offering
RoHs Compliant
Equivalent Parts
Low Tuning Voltage/Low Rs
Silicon Hyperabrupt Varactor Diode
V4
MA4ST1200 Series
2
Electrical Specifications @ TA = +25 °C
Breakdown Voltage @ IR = 10μA, Vb = 12 V Minimum
Reverse Leakage Current @ VR =10V, IR = 100 nA Maximum
1 The prefix defines package style, configuration and packaging information. Contact representative for complete part identification.
2 Capacitance @ 1 MHz
3 Series Resistance @ 100 MHz
Typical Capacitance vs. Biasing Voltage
3
Part Number
Base
RoHs Compliant
Part Number Base
1
Ct
(pF)
2
Capacitance
Ratio
Rs
3
(Ohm)
VR = 0.5V
VR = 4.0V
Ct0.5/Ct4.0
VR = 2.0 V
Typ.
Min.
Nom.
Max.
Typ.
Typ.
Typ.
Max.
MA4ST1230
MA4ST1231
MAVR-001230-xxxxx
10.1
4.2
4.7
5.2
2.75
3.67
0.40
0.70
MA4ST1240
MA4ST1241
MAVR-001240-xxxxx
7.1
3.0
3.4
3.8
2.05
3.46
0.40
0.70
VR = 2.0V
Typical Capacitance Change vs. Temperature
-4%
-2%
0%
2%
4%
-40
-15
10
35
60
85
Temperature (degree C)
0
2
4
6
8
10
12
012
345
Biasing Voltage (V)
MA4ST1230/1231 /MAVR-001230
MA4ST1240/1241 /MAVR-001240
0.00
0.20
0.40
0.60
0.80
1.00
0.00.5
1.01.5
2.02.5
3.0
Biasing Voltage (V)
MA4ST1240/1241 / MAVR-001240
MA4ST1230/1231 MAVR-001230
Typical Rs vs Biasing Voltage
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com