Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SW310 Datasheet(PDF) 6 Page - Tyco Electronics

Part # MA4SW310
Description  Broadband Monolithic Silicon PIN Diode Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4SW310 Datasheet(HTML) 6 Page - Tyco Electronics

  MA4SW310 Datasheet HTML 1Page - Tyco Electronics MA4SW310 Datasheet HTML 2Page - Tyco Electronics MA4SW310 Datasheet HTML 3Page - Tyco Electronics MA4SW310 Datasheet HTML 4Page - Tyco Electronics MA4SW310 Datasheet HTML 5Page - Tyco Electronics MA4SW310 Datasheet HTML 6Page - Tyco Electronics MA4SW310 Datasheet HTML 7Page - Tyco Electronics MA4SW310 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Monolithic Pin Diode Switches
MA4SW110, MA4SW210, MA4SW310
V5.00
Specification Subject to Change Without Notice
6
______________________________________________________________________________ M/A-COM, Inc.
North America: Tel. (800) 366-2266
Fax (800) 618-8883
þ
Asia/Pacific:
Tel. +81 3 3263 8761
Fax +81 3 3263 8769
þ
Europe: Tel. +44 (1344) 869 595
Fax +44 (1344) 300 020
Wire Bonding
Top contact is 2.5 µM thick gold. Yellow areas in chip,
outline
drawings
below
indicate
bonding
pads.Thermosonic
wedge
bonding
using
0.003”
x
0.00025”
ribbon
or
0.001”
diameter
gold
wire
is
recommended. A heatstage temperature of 150
oC and a
force of 18 to 22 grams should be used. Ultrasonic energy
should be adjusted to the minimum required to achieve a
good bond.
RF bonds should be kept as short as
possible.
Mounting
These chips have TiPtAu back metal. Gold thickness is
1.0 µM. They can be die mounted with a gold-tin eutectic
solder preform or conductive epoxy.
Mounting surface
must be clean and flat.
Eutectic Die Attachment
An 80/20 gold-tin eutectic solder preform is recommended
with a work surface temperature of 255
oC and a tool tip
temperature of 265
oC. When hot gas is applied, the tool tip
temperature should be 290
oC. The chip should not be
exposed to temperatures greater than 320
oC for more than
20 seconds. No more than three seconds should be required
for attachment.
Epoxy Die Attachment
Assembly should be preheated to 125 -150
oC. A minimum
amount of epoxy should be used. A thin epoxy fillet should
be visible around the perimeter of the chip after placement.
Cure epoxy per manufacturer’s schedule.
Chip Outline Drawing
MA4SW110
DIM
INCHES
MM
MIN.
MAX.
MIN.
MAX.
A
0.014
0.018
0.35
0.45
B
0.025
0.029
0.64
0.74
C
0.008 REF
0.20 REF
D
0.004
0.006
0.10
0.15
E
0.004 REF
0.10 REF
F
0.003 REF
0.08 REF
G
0.003 REF
0.08 REF
H
0.020 REF
0.52 REF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com