Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA02206GJ Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA02206GJ
Description  3.6 V, 0.5 W, RF Power Amplifier IC for DECT, 1800 - 2000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA02206GJ Datasheet(HTML) 2 Page - Tyco Electronics

  MA02206GJ Datasheet HTML 1Page - Tyco Electronics MA02206GJ Datasheet HTML 2Page - Tyco Electronics MA02206GJ Datasheet HTML 3Page - Tyco Electronics MA02206GJ Datasheet HTML 4Page - Tyco Electronics MA02206GJ Datasheet HTML 5Page - Tyco Electronics MA02206GJ Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3.6 V, 0.5 W, RF Power Amplifier IC for DECT,
1800 - 2000 MHz
MA02206GJ
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
2
Electrical Specifications: VDD = +3.6 V, PIN = -2 dBm, Duty Cycle = 100%, TS = 37°C
3,
measured on evaluation board shown herein.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Frequency
—
MHz
1880
1900
1930
Output Power
1900 MHz
dBm
25
26.9
28
Power Added Efficiency
1900 MHz
%
—
57
—
Drain Current
1900 MHz
mA
—
228
330
2nd Harmonics
—
dBc
—
-37
-30
3rd Harmonics
—
dBc
—
-38
-34
Input VSWR
—
Ratio
—
1.3:1
2.0:1
Off Isolation
VDD = 0V
dB
—
44
—
Thermal Resistance
Junction to soldering point (TS)
3
°C/W
—
25
—
Load Mismatch
VDD = 4.5 V, VSWR = 5:1, PIN = -2 dBm
No Degradation in Power Output
Stability
PIN = -2 to +2 dBm, VDD = 0 - 5.0 V, Load VSWR = 5:1,
all phases
All non-harmonically related outputs more
than 60 dB below desired signal
3. TS is the temperature measured at the soldering point of the downset paddle on the bottom of the IC.
4. Output power and efficiency have been optimized for input drive levels between –2 and +2 dBm. Stability is only specified within this
range. For operation outside of this range, contact the factory.
MSOP-8-EP



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com