Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST485ERBN Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST485ERBN
Description  짹15KV ESD protected, Low power RS-485/RS-422 transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485ERBN Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST485ERBN Datasheet HTML 4Page - STMicroelectronics ST485ERBN Datasheet HTML 5Page - STMicroelectronics ST485ERBN Datasheet HTML 6Page - STMicroelectronics ST485ERBN Datasheet HTML 7Page - STMicroelectronics ST485ERBN Datasheet HTML 8Page - STMicroelectronics ST485ERBN Datasheet HTML 9Page - STMicroelectronics ST485ERBN Datasheet HTML 10Page - STMicroelectronics ST485ERBN Datasheet HTML 11Page - STMicroelectronics ST485ERBN Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical characteristics
ST485ER
8/19
4.3
Receiver switching characteristics
VCC = 5V ± 5%, TA = TMIN to TMAX , unless otherwise specified. Typical values are referred
to TA = 25°C)
Table 8.
Receiver switching characteristics
Symbol
Parameter
Test conditions (1)
1.
All currents into device pins are positive; all cuttents out of device pins are negative; all voltages are
referenced to device ground unless specified
Min.
Typ.
Max.
Unit
tPLH
tPHL
Propagation Delay Input
to Output
RDIFF = 54ΩCL1 = CL2 = 100pF
(See
Figure 4. and Figure 8.)
20
130
210
ns
tSKD
Differential Receiver
Skew
RDIFF = 54ΩCL1 = CL2 = 100pF
(See
Figure 4. and Figure 8.)
13
ns
tPZH
Output Enable Time
CRL = 15pFS1 = Closed
(See Fig. 2 and
Figure 9.)
20
50
ns
tPZL
Output Enable Time
CRL = 15pFS2 = Closed
(See Fig. 2 and
Figure 9.)
20
50
ns
tPLZ
Output Disable Time
CRL = 15pFS1 = Closed
(See Fig. 2 and
Figure 9.)
20
50
ns
tPHZ
Output Disable Time
CRL = 15pFS2 = Closed
(See Fig. 2 and
Figure 9.)
20
50
ns
fMAX
Maximum Data Rate
2.5
Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com