Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0040 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAAMSS0040
Description  Low Noise CATV Amplifier 50 - 870 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0040 Datasheet(HTML) 1 Page - Tyco Electronics

  MAAMSS0040 Datasheet HTML 1Page - Tyco Electronics MAAMSS0040 Datasheet HTML 2Page - Tyco Electronics MAAMSS0040 Datasheet HTML 3Page - Tyco Electronics MAAMSS0040 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low Noise CATV Amplifier
50 - 870 MHz
MAAMSS0040
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
1
LEAD
FREE
Features
• Low Noise Figure
• Low Distortion
• Surface Mount Package
• Push-Pull Design Application
• Single Positive Supply
• Lead Free SOIC-16 Package
• 100% Matte Tin Plating
• Halogen-Free “Green” Mold Compound
• 260°C Re-flow Compatible
• Lead Free Version of MAAMSS0001
Description
M/A-COM’s MAAMSS0040 is a GaAs PHEMT MMIC
amplifier in a lead-free surface mount SOIC-16
package. The MMIC design is configured as a pair
of cascode PHEMT amplifiers for broadband
performance. It is designed for integration in a 75-
ohm push-pull low distortion amplifier circuit. The
device is ideally suited for use in CATV, DBS, and
DTV applications where low noise figure, low
distortion and high linearity are required.
Pin Configuration
PIN No.
PIN Name
Description
1
FB1
Feedback 1
2
RI1
RF Input 1
3
RI1
RF Input 1
4
GND
Ground
5
GND
Ground
6
RI2
RF Input 2
7
RI2
RF Input 2
8
FB2
Feedback 2
9
N/C
No Connection
10
GND
Ground
11
RO2
RF Output 2
12
GND
Ground
13
GND
Ground
14
RO1
RF Output 1
15
GND
Ground
16
GND
Ground
Ordering Information
Part Number
Package
MAAMSS0040
Bulk Packaging
MAAMSS0040TR
1000 piece reel
MAAMSS0040SMB
Sample Test Board (Includes 5 Samples)
Note: Reference Application Note M513 for reel size
information.
Parameter
Absolute Maximum
Input Power
+20 dBm
Operating Voltage
+10 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings 1
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
Functional Schematic


Similar Part No. - MAAMSS0040

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAMSS0040 MA-COM-MAAMSS0040 Datasheet
107Kb / 4P
Low Noise CATV Amplifier 50 - 870 MHz
MAAMSS0040SMB MA-COM-MAAMSS0040SMB Datasheet
107Kb / 4P
Low Noise CATV Amplifier 50 - 870 MHz
MAAMSS0040TR MA-COM-MAAMSS0040TR Datasheet
107Kb / 4P
Low Noise CATV Amplifier 50 - 870 MHz
More results

Similar Description - MAAMSS0040

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA1205 ANADIGICS-ACA1205 Datasheet
231Kb / 12P
750/870 MHZ CATV LINE AMPLIFIER
Rev. 2.0
logo
Tyco Electronics
MAAMSS0067 MACOM-MAAMSS0067 Datasheet
115Kb / 4P
Low Noise CATV Amplifier 50 - 1000 MHz
MAAM-007724-000000 MACOM-MAAM-007724-000000 Datasheet
115Kb / 4P
Low Noise CATV Amplifier 50 - 1005 MHz
MAAMSS0001 MACOM-MAAMSS0001 Datasheet
279Kb / 5P
Low Noise CATV Amplifier 50 - 870 MHz
MAAMSS0003 MACOM-MAAMSS0003 Datasheet
226Kb / 4P
Low Noise CATV Amplifier 50 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAMSS0001 MA-COM-MAAMSS0001 Datasheet
106Kb / 4P
Low Noise CATV Amplifier 50 - 870 MHz
MAAMSS0003 MA-COM-MAAMSS0003 Datasheet
93Kb / 4P
Low Noise CATV Amplifier 50 - 1000 MHz
MAAMSS0040 MA-COM-MAAMSS0040 Datasheet
107Kb / 4P
Low Noise CATV Amplifier 50 - 870 MHz
MAAMSS0067 MA-COM-MAAMSS0067 Datasheet
94Kb / 4P
Low Noise CATV Amplifier 50 - 1000 MHz
MAAM-007724 MA-COM-MAAM-007724 Datasheet
94Kb / 4P
Low Noise CATV Amplifier 50 - 1005 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com