Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0040SMB Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAMSS0040SMB
Description  Low Noise CATV Amplifier 50 - 870 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0040SMB Datasheet(HTML) 2 Page - Tyco Electronics

  MAAMSS0040SMB Datasheet HTML 1Page - Tyco Electronics MAAMSS0040SMB Datasheet HTML 2Page - Tyco Electronics MAAMSS0040SMB Datasheet HTML 3Page - Tyco Electronics MAAMSS0040SMB Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low Noise CATV Amplifier
50 - 870 MHz
MAAMSS0040
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
2
LEAD
FREE
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
—
dB
11.5
12.0
13.0
Gain Flatness
—
dB
—
0.35
—
Noise Figure
50-150 MHz
150-870 MHz
dB
dB
—
—
3.8
2.8
4.0
—
Input Return Loss
—
dB
—
15
—
Output Return Loss
—
dB
—
11
—
IP3
Two tones at 397 & 403 MHz, +4 dBm output per tone
dBm
—
33
—
Composite Triple Beat, CTB
135 Channels, +25 dBmV/Channel at the output
dBc
—
-72.5
-70
Composite Second Order, CSO
135 Channels, +25 dBmV/Channel at the output
dBc
—
-75
-70
Cross modulation
135 Channels, +25 dBmV/Channel at the output
dBc
—
-64
—
P1dB
400 MHz
dBm
—
23
—
IDD
+ 5 Volts
mA
—
190
225
Electrical Specifications: TA = 25°C, Freq: 50 - 870 MHz, VDD = +5 Volts, Z0 = 75 ohms,
Test Circuit with M/A-COM Balun ETN1-1-13TR
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Lead Free SOIC-16



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com