Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0057 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAAMSS0057
Description  RF Driver Amplifier 250 - 4000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0057 Datasheet(HTML) 1 Page - Tyco Electronics

  MAAMSS0057 Datasheet HTML 1Page - Tyco Electronics MAAMSS0057 Datasheet HTML 2Page - Tyco Electronics MAAMSS0057 Datasheet HTML 3Page - Tyco Electronics MAAMSS0057 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RF Driver Amplifier
250 - 4000 MHz
MAAMSS0057
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
RoHS
Compliant
Features
• Broadband Operation
• Output Intercept Point Greater than +45 dBm
• Excellent ACPR performance
• High Efficiency
• Lead-Free SOIC-8EP Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s MAAMSS0057 RF driver amplifier is a
two stage GaAs MMIC which exhibits exceptional
linearity performance as well as featuring high gain
in a lead-free SOIC-8EP surface mount plastic
package. The device runs off a single +5 volt supply
and draws 490 mA typically.
The MAAMSS0057 is fabricated using a high
reliability GaAs HBT process to realize low current
and high power functionality. The process features
full passivation for increased performance and
reliability.
The MAAMSS0057 has been designed to be a
functional driver amplifier from 250 to 4000 MHz.
Ordering Information
1
Part Number
Package
MAAMSS0057
Bulk Packaging
MAAMSS0057TR-3000
3000 piece reel
MAAMSS0057SMB
2140 MHz Configuration
MAAM-000057-000SMB
Sample Only,
General Frequency
1. Reference Application Note M513 for reel size information.
Pin Configuration
4
Pin No.
Pin Name
Description
1
V
CC1
1st Stage V
CC & RF Output
2
N/C
No Connection
3
N/C
No Connection
4
RF
IN
Amplifier Input
5
RF
OUT/ VCC2
Amplifier Output & 2nd Stage V
CC
6
RF
OUT/ VCC2
Amplifier Output & 2nd Stage V
CC
7
N/C
No Connection
8
RF
IN2
2nd Stage RF Input
Functional Block Diagram
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
RF Output Power
32 dBm
Voltage
6 volts
Storage Temperature
-65°C to +150°C
Junction Temperature
200°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
Maximum Operating Conditions
5
Parameter
Maximum Operating
Conditions
Junction Temperature 6
160°C
RF Output Power
32 dBm
Operating Temperature
-40°C to +85°C
5. Operating at or within these conditions will ensure MTTF > 1 x
106 hours.
6. Typical thermal resistance (Өjc) = 35°C/W.
4. The exposed pad centered on the package bottom must be
connected to the RF and DC ground.


Similar Part No. - MAAMSS0057

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0050 MACOM-MAAMSS0050 Datasheet
351Kb / 7P
RF Driver Amplifier 250 - 4000 MHz
MAAMSS0050SMB-01 MACOM-MAAMSS0050SMB-01 Datasheet
351Kb / 7P
RF Driver Amplifier 250 - 4000 MHz
MAAMSS0050SMB-02 MACOM-MAAMSS0050SMB-02 Datasheet
351Kb / 7P
RF Driver Amplifier 250 - 4000 MHz
MAAMSS0050SMB-03 MACOM-MAAMSS0050SMB-03 Datasheet
351Kb / 7P
RF Driver Amplifier 250 - 4000 MHz
MAAMSS0050TR-3000 MACOM-MAAMSS0050TR-3000 Datasheet
351Kb / 7P
RF Driver Amplifier 250 - 4000 MHz
More results

Similar Description - MAAMSS0057

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CAMD6254 DAICO-CAMD6254 Datasheet
111Kb / 1P
30 MHz RF Driver Amplifier
logo
Tyco Electronics
MAAMSS0056 MACOM-MAAMSS0056 Datasheet
321Kb / 7P
RF Driver Amplifier 250 - 4000 MHz
MAAMSS0073 MACOM-MAAMSS0073 Datasheet
250Kb / 4P
RF Driver Amplifier 250 - 4000 MHz
MAAMSS0048 MACOM-MAAMSS0048 Datasheet
462Kb / 14P
RF Driver Amplifier 250 - 4000 MHz
MAAMSS0049 MACOM-MAAMSS0049 Datasheet
479Kb / 11P
RF Driver Amplifier 250 - 4000 MHz
MAAMSS0050 MACOM-MAAMSS0050 Datasheet
351Kb / 7P
RF Driver Amplifier 250 - 4000 MHz
MAAMSS0072 MACOM-MAAMSS0072 Datasheet
241Kb / 4P
RF Driver Amplifier 250 - 4000 MHz
MAAMSS0071 MACOM-MAAMSS0071 Datasheet
348Kb / 12P
RF Driver Amplifier 300 - 4000 MHz
MAAMSS0058 MACOM-MAAMSS0058 Datasheet
227Kb / 4P
RF Driver Amplifier 250 - 4000 MHz
logo
Advanced Semiconductor ...
ASX415 ASB-ASX415_17 Datasheet
1Mb / 18P
250 ~ 4000 MHz MMIC Amplifier
February 2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com