Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL206AT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL206AT
Description  Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL206AT Datasheet(HTML) 3 Page - Vishay Siliconix

  IL206AT Datasheet HTML 1Page - Vishay Siliconix IL206AT Datasheet HTML 2Page - Vishay Siliconix IL206AT Datasheet HTML 3Page - Vishay Siliconix IL206AT Datasheet HTML 4Page - Vishay Siliconix IL206AT Datasheet HTML 5Page - Vishay Siliconix IL206AT Datasheet HTML 6Page - Vishay Siliconix IL206AT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IL205AT/ 206AT/ 207AT/ 208AT
Document Number 83614
Rev. 1.6, 18-Apr-05
Vishay Semiconductors
www.vishay.com
3
Current Transfer Ratio
Switching Characteristics
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Current Transfer Ratio
IF = 10 mA, VCE = 5.0 V
IL205AT
CTR
40
80
%
IL206AT
CTR
63
125
%
IL207AT
CTR
100
200
%
IL208AT
CTR
100
320
%
IF = 1.0 mA, VCE = 5.0 V
IL205AT
CTR
13
25
%
IL206AT
CTR
22
40
%
IL207AT
CTR
34
60
%
IL208AT
CTR
56
95
%
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Switching time
IC = 2 mA, RL = 100 Ω,
VCC = 10 V
ton, toff
3.0
µs
Figure 1. Forward Voltage vs. Forward Current
Figure 2. Normalized Non-saturated and Saturated CTRCE vs.
LED Current
i205at_01
.1
1
10
100
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
IF - Forward Current - mA
TA= 25°C
TA = 85°C
TA= –55°C
i205at_02
.1
1
10
100
Normalized to:
VCE=10 V
IF=10 mA
1.5
1.0
0.5
0.0
VCE =5V
VCE =0.4 V
IF - LED Current - mA
Figure 3. Collector-Emitter Current vs.LED Current
Figure 4. Normalized Collector-Base Photocurrent vs. LED
Current
i205at_03
.1
1
10
100
IF - LED Current - mA
VCE =0.4 V
VCE =10V
150
100
50
0
i205at_04
.1
1
10
100
IF - LED Current - mA
Normalized to:
VCB=9.3 V
IF=1 mA
100
10
1
.1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com